Electronic Components Datasheet Search
  English  ▼

X  

SLG46585M Datasheet(PDF) 67 Page - Dialog Semiconductor

Part # SLG46585M
Description  GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine, LDOs, and DC/DC Converter
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46585M Datasheet(HTML) 67 Page - Dialog Semiconductor

Back Button SLG46585M Datasheet HTML 63Page - Dialog Semiconductor SLG46585M Datasheet HTML 64Page - Dialog Semiconductor SLG46585M Datasheet HTML 65Page - Dialog Semiconductor SLG46585M Datasheet HTML 66Page - Dialog Semiconductor SLG46585M Datasheet HTML 67Page - Dialog Semiconductor SLG46585M Datasheet HTML 68Page - Dialog Semiconductor SLG46585M Datasheet HTML 69Page - Dialog Semiconductor SLG46585M Datasheet HTML 70Page - Dialog Semiconductor SLG46585M Datasheet HTML 71Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 210 page
background image
Datasheet
18-Sep-2019
CFR0011-120-00
Revision 3.3
67 of 210
© 2019 Dialog Semiconductor
SLG46585
GreenPAK Programmable Mixed-Signal Matrix with Asynchronous
State Machine, LDOs, and DC/DC Converter
7.3 3-BIT LUT OR PIPE DELAY/RIPPLE COUNTER MACROCELL
There is one macrocell that can serve as either a 3-bit LUT or as a Pipe Delay/Ripple Counter.
When used to implement LUT functions, the 3-bit LUT takes in three input signals from the connection matrix and produces a
single output, which goes back into the connection matrix.
When used as a Pipe Delay, there are three inputs signals from the matrix, Input (IN), Clock (CLK), and Reset (RST). The Pipe
Delay cell is built from 16 D Flip-Flop logic cells that provide the three delay options, two of which are user selectable. The DFF
cells are tied in series where the output (Q) of each delay cell goes to the next DFF cell input (IN). Both of the two outputs (OUT0
and OUT1) provide user selectable options for 1 – 16 stages of delay. There are delay output points for each set of the OUT0 and
OUT1 outputs to a 16-input MUX that is controlled by registers [1227:1224] for OUT0 and registers [1231:1228] for OUT1. The
16-input MUX is used to select the amount of delay.
Figure 20: DFF Polarity Operations with nSet
VDD
Data
Clock
POR
nSet (Case 1)
Q with nSet (Case 2)
Initial Polarity: High
Initial Polarity: Low
nSet (Case 1)
Q with nSet (Case 1)
nSet (Case 2)
Q with nSet (Case 2)
Q with nSet (Case 1)
nSet (Case 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com