Electronic Components Datasheet Search
  English  ▼

X  

SLG46585M Datasheet(PDF) 32 Page - Dialog Semiconductor

Part # SLG46585M
Description  GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine, LDOs, and DC/DC Converter
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46585M Datasheet(HTML) 32 Page - Dialog Semiconductor

Back Button SLG46585M Datasheet HTML 28Page - Dialog Semiconductor SLG46585M Datasheet HTML 29Page - Dialog Semiconductor SLG46585M Datasheet HTML 30Page - Dialog Semiconductor SLG46585M Datasheet HTML 31Page - Dialog Semiconductor SLG46585M Datasheet HTML 32Page - Dialog Semiconductor SLG46585M Datasheet HTML 33Page - Dialog Semiconductor SLG46585M Datasheet HTML 34Page - Dialog Semiconductor SLG46585M Datasheet HTML 35Page - Dialog Semiconductor SLG46585M Datasheet HTML 36Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 210 page
background image
Datasheet
18-Sep-2019
CFR0011-120-00
Revision 3.3
32 of 210
© 2019 Dialog Semiconductor
SLG46585
GreenPAK Programmable Mixed-Signal Matrix with Asynchronous
State Machine, LDOs, and DC/DC Converter
3.6.1 OSC Power-On Delay
Note: DLY/CNT Counter Data = 100, RC OSC Power Setting: "Auto Power-On", RC OSC Clock to Matrix Input: "Enable"
3.7 ANALOG COMPARATOR CHARACTERISTICS
Table 21: Oscillators Power-On Delay at T = 25 °C
Power Supply
Range
(VDD) V
RC OSC0 2 MHz
RC OSC0 25 kHz
RC OSC1 1.73 kHz
Typical
Value, ns
Maximum
Value, ns
Typical
Value, µs
Maximum
Value, µs
Typical
Value, µs
Maximum
Value, µs
2.50
619
905
14.35
17.57
222.53
296.85
2.70
563
813
13.76
16.98
217.52
293.04
3.00
500
709
12.94
16.61
210.43
287.82
3.30
454
638
9.67
36.51
203.51
283.89
3.60
419
582
1.82
19.46
196.79
280.17
4.20
370
510
1.79
2.70
183.73
272.25
4.50
352
484
1.89
2.94
177.64
267.27
5.00
328
454
2.09
3.28
169.40
258.96
5.50
309
428
2.21
3.45
165.60
248.45
Table 22: OSC Power-On Delay, at T = 25 °C, Fast Start-up Time Mode
Power Supply
Range
(VDD) V
RC OSC0 2 MHz
RC OSC1 25 kHz
Typical
Value, ns
Maximum
Value, ns
Typical
Value, µs
Maximum
Value, µs
2.50
216
313
20.61
22.61
2.70
197
286
20.58
22.47
3.00
178
254
20.52
22.43
3.30
166
234
20.49
22.28
3.60
158
222
20.46
22.42
4.20
150
209
20.39
22.20
4.50
147
207
20.32
22.12
5.00
142
201
20.20
21.83
5.50
138
194
19.97
21.33
Table 23: Analog Comparator EC at T = -40 °C to +85 °C, VDD = 2.5 V to 5.5 V Unless Otherwise Noted
Parameter
Description
Note
Conditions
Min
Typ
Max
Unit
VACMP
ACMP Input Voltage
Range
Positive Input set to
GPIO or VDD
0
--
VDD
V
Positive Input set to
LDO VIN
0
--
VDD -
0.4
V
Negative Input
0
--
1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com