Electronic Components Datasheet Search
  English  ▼

X  

SLG46585M Datasheet(PDF) 17 Page - Dialog Semiconductor

Part # SLG46585M
Description  GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine, LDOs, and DC/DC Converter
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46585M Datasheet(HTML) 17 Page - Dialog Semiconductor

Back Button SLG46585M Datasheet HTML 13Page - Dialog Semiconductor SLG46585M Datasheet HTML 14Page - Dialog Semiconductor SLG46585M Datasheet HTML 15Page - Dialog Semiconductor SLG46585M Datasheet HTML 16Page - Dialog Semiconductor SLG46585M Datasheet HTML 17Page - Dialog Semiconductor SLG46585M Datasheet HTML 18Page - Dialog Semiconductor SLG46585M Datasheet HTML 19Page - Dialog Semiconductor SLG46585M Datasheet HTML 20Page - Dialog Semiconductor SLG46585M Datasheet HTML 21Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 210 page
background image
Datasheet
18-Sep-2019
CFR0011-120-00
Revision 3.3
17 of 210
© 2019 Dialog Semiconductor
SLG46585
GreenPAK Programmable Mixed-Signal Matrix with Asynchronous
State Machine, LDOs, and DC/DC Converter
VOH
HIGH-Level Output Voltage
Push-Pull, 1x Drive, IOH = 1 mA,
VDD = 2.5 V (Note 3)
2.39
--
--
V
Push-Pull, 1x Drive, IOH = 1 mA,
VDD = 2.7 V (Note 3)
2.60
--
--
V
Push-Pull, 1x Drive, IOH = 3 mA,
VDD = 3 V (Note 3)
2.72
--
--
V
Push-Pull, 1x Drive, IOH = 3 mA,
VDD = 3.3 V (Note 3)
3.04
--
--
V
Push-Pull, 1x Drive, IOH = 3 mA,
VDD = 3.6 V (Note 3)
3.36
--
--
V
Push-Pull, 1x Drive, IOH = 5 mA,
VDD = 4.5 V (Note 3)
4.16
--
--
V
Push-Pull, 1x Drive, IOH = 5 mA,
VDD = 5 V (Note 3)
4.69
--
--
V
Push-Pull, 1x Drive, IOH = 5 mA,
VDD = 5.5 V (Note 3)
5.20
--
--
V
Push-Pull, 2x Drive, IOH = 1 mA,
VDD = 2.5 V (Note 3)
2.44
--
--
V
Push-Pull, 2x Drive, IOH = 1 mA,
VDD = 2.7 V (Note 3)
2.65
--
--
V
Push-Pull, 2x Drive, IOH = 3 mA,
VDD = 3 V (Note 3)
2.86
--
--
V
Push-Pull, 2x Drive, IOH = 3 mA,
VDD = 3.3 V (Note 3)
3.17
--
--
V
Push-Pull, 2x Drive, IOH = 3 mA,
VDD = 3.6 V (Note 3)
3.48
--
--
V
Table 6: EC at T = -40 °C to +85 °C, VDD = 2.5 V to 5.5 V Unless Otherwise Noted(Continued)
Parameter
Description
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com