Electronic Components Datasheet Search
  English  ▼

X  

SLG46585M Datasheet(PDF) 97 Page - Dialog Semiconductor

Part # SLG46585M
Description  GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine, LDOs, and DC/DC Converter
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46585M Datasheet(HTML) 97 Page - Dialog Semiconductor

Back Button SLG46585M Datasheet HTML 93Page - Dialog Semiconductor SLG46585M Datasheet HTML 94Page - Dialog Semiconductor SLG46585M Datasheet HTML 95Page - Dialog Semiconductor SLG46585M Datasheet HTML 96Page - Dialog Semiconductor SLG46585M Datasheet HTML 97Page - Dialog Semiconductor SLG46585M Datasheet HTML 98Page - Dialog Semiconductor SLG46585M Datasheet HTML 99Page - Dialog Semiconductor SLG46585M Datasheet HTML 100Page - Dialog Semiconductor SLG46585M Datasheet HTML 101Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 210 page
background image
Datasheet
18-Sep-2019
CFR0011-120-00
Revision 3.3
97 of 210
© 2019 Dialog Semiconductor
SLG46585
GreenPAK Programmable Mixed-Signal Matrix with Asynchronous
State Machine, LDOs, and DC/DC Converter
Table 81: ACMP2 Register Settings
Signal Function
Register Bit
Address
Register Definition
ACMP2 Positive Input
Source Select -
ACMP0 IN+ Source
[1124]
0: Disable
1: Enable
ACMP2 Hysteresis
Enable
[1127:1125]
000: 0 mV
001: 25 mV
010: 50 mV
011: 200 mV
100: Reserved
101: Reserved
110: 100 mV
111: 150 mV
(001: for both external & internal Vref, 010 & 011 & 110 & 111: for only internal Vref,
External Vref will not have (50, 100, 150, 200) mV hysteresis.)
ACMP2 Wake & Sleep
function Enable
[1444]
0: Disable
1: Enable
TS output connection
enable to ACMP2
[1493]
0: Default ACMP function
1: Enable TS function
ACMP2 In Voltage
Select
[1644:1640]
00000: 50 mV
00001: 100 mV
00010: 150 mV
00011: 200 mV
00100: 250 mV
00101: 300 mV
00110: 350 mV
00111: 400 mV
01000: 450 mV
01001: 500 mV
01010: 550 mV
01011: 600 mV
01100: 650 mV
01101: 700 mV
01110: 750 mV
01111: 800 mV
10000: 850 mV
10001: 900 mV
10010: 950 mV
10011: 1 V
10100: 1.05 V
10101: 1.1 V
10110: 1.15 V
10111: 1.2 V
11000: VDD: ACMP2-/3
11001: VDD: ACMP2-/4
11010: IO4: EXT_Vref
11011: IO4: EXT_Vref/2
ACMP2 Positive Input
Divider
[1646:1645]
00: 1.00x
01: 0.50x
10: 0.33x
11: 0.25x
ACMP2 Low
Bandwidth (Max: 1
MHz) Enable
[1647]
0: Off
1: On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com