Electronic Components Datasheet Search
  English  ▼

X  

SLG46585M Datasheet(PDF) 12 Page - Dialog Semiconductor

Part # SLG46585M
Description  GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine, LDOs, and DC/DC Converter
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46585M Datasheet(HTML) 12 Page - Dialog Semiconductor

Back Button SLG46585M Datasheet HTML 8Page - Dialog Semiconductor SLG46585M Datasheet HTML 9Page - Dialog Semiconductor SLG46585M Datasheet HTML 10Page - Dialog Semiconductor SLG46585M Datasheet HTML 11Page - Dialog Semiconductor SLG46585M Datasheet HTML 12Page - Dialog Semiconductor SLG46585M Datasheet HTML 13Page - Dialog Semiconductor SLG46585M Datasheet HTML 14Page - Dialog Semiconductor SLG46585M Datasheet HTML 15Page - Dialog Semiconductor SLG46585M Datasheet HTML 16Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 210 page
background image
Datasheet
18-Sep-2019
CFR0011-120-00
Revision 3.3
12 of 210
© 2019 Dialog Semiconductor
SLG46585
GreenPAK Programmable Mixed-Signal Matrix with Asynchronous
State Machine, LDOs, and DC/DC Converter
3
IO6
IO6
General Purpose IO
with OE (Note 1)
Digital Input without
Schmitt Trigger
Push-Pull (1x) (2x)
Digital Input
with Schmitt Trigger
Open-Drain NMOS
(1x) (2x)
Low Voltage Digital Input
--
ACMP3+
Analog Comparator 3
Positive Input
Analog
--
4
GND
Logic Ground. All GND, AGND0, AGND1, and PGND pins must be connected together externally.
5
IO1
IO1
General Purpose IO
Digital Input without
Schmitt Trigger
Push-Pull (1x) (2x)
Digital Input
with Schmitt Trigger
Open-Drain NMOS
(1x) (2x)
Low Voltage Digital Input
Open-Drain PMOS
(1x) (2x)
ACMP0+
Analog Comparator 0
Positive Input
Analog
--
6
AGND1
Analog ground for internal control circuit. Connect this pin to Power GND plane on PCB. All GND,
AGND0, AGND1, and PGND pins must be connected together externally
7
DC_INT
DC/DC Converter Interrupt Output. INT is an Open-Drain, asserted logic high digital output that be-
comes asserted within TINT(HIGH) when an over-current condition has been detected at the output.
INT becomes deasserted within TINT(LOW) when the over-current condition no longer persists.
8
NC
Manufacture test pin, do not connect
9
NC
Manufacture test pin, do not connect
10
DC_VOSNS DC/DC Converter Input sense pin for output voltage
11
DC_SW
DC/DC Converter Switch Output. Connect this pin to an external, low DCR inductor – see Applications
Information for additional details
12
PGND
DC/DC Converter Power ground. Connect this pin to Power GND plane. All GND, AGND0, AGND1,
and PGND pins must be connected together externally
13
PGND
DC/DC Converter Power ground. Connect this pin to Power GND plane. All GND, AGND0, AGND1,
and PGND pins must be connected together externally
14
DC_VIN
DC/DC Converter Supply input. Connect a 10 µF (or larger) low ESR capacitor from this pin to Power
GND plane. Capacitors used at VIN should be rated at 10 V or higher. DC_VIN and VDD pins must be
connected together externally.
15
IO2
IO2
General Purpose IO
with OE (Note 1)
Digital Input without
Schmitt Trigger
Push-Pull (1x) (2x)
Digital Input
with Schmitt Trigger
Open-Drain NMOS
(1x) (2x)
Low Voltage Digital Input
--
ACMP1+
Analog Comparator 1
Positive Input
Analog
--
Table 1: Functional Pin Description (Continued)
STQFN
29L Pin #
Pin
Name
Signal
Name
Function
Input
Options
Output
Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com