Electronic Components Datasheet Search
  English  ▼

X  

SLG46585M Datasheet(PDF) 92 Page - Dialog Semiconductor

Part # SLG46585M
Description  GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine, LDOs, and DC/DC Converter
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46585M Datasheet(HTML) 92 Page - Dialog Semiconductor

Back Button SLG46585M Datasheet HTML 88Page - Dialog Semiconductor SLG46585M Datasheet HTML 89Page - Dialog Semiconductor SLG46585M Datasheet HTML 90Page - Dialog Semiconductor SLG46585M Datasheet HTML 91Page - Dialog Semiconductor SLG46585M Datasheet HTML 92Page - Dialog Semiconductor SLG46585M Datasheet HTML 93Page - Dialog Semiconductor SLG46585M Datasheet HTML 94Page - Dialog Semiconductor SLG46585M Datasheet HTML 95Page - Dialog Semiconductor SLG46585M Datasheet HTML 96Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 210 page
background image
Datasheet
18-Sep-2019
CFR0011-120-00
Revision 3.3
92 of 210
© 2019 Dialog Semiconductor
SLG46585
GreenPAK Programmable Mixed-Signal Matrix with Asynchronous
State Machine, LDOs, and DC/DC Converter
9.1 ACMP0 BLOCK DIAGRAM AND REGISTER SETTINGS
Figure 39: ACMP0 Block Diagram
11011
11010
11001
11000
10111-
00000
Internal
Vref
IO4: EXT_Vref/2
001
010
000
100
IO1
LDO VIN*(2.5 V to 5.5 V)
Selectable
Gain
registers [1630:1629]
to ACMP1, ACMP2
MUX input
Vref
+
-
From Connection
Matrix Output [52]
PWR UP
LBW
Selection
register [1631]
Hysteresis
Selection
registers [1119:1118]
L/S
To Connection
Matrix Input[57]
registers [1628:1624]
register [1495]; register [1117]; register [1116]
BG_ok
Latch
0
1
register [1442]
VDD (2.5 V to 5.5 V)
IO4: EXT_Vref
VDD: ACMP0-/4
VDD: ACMP0-/3
UVLO_0
Note*: See Sections 2.2 to 2.4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com