Electronic Components Datasheet Search
  English  ▼

X  

SLG46585M Datasheet(PDF) 37 Page - Dialog Semiconductor

Part # SLG46585M
Description  GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine, LDOs, and DC/DC Converter
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46585M Datasheet(HTML) 37 Page - Dialog Semiconductor

Back Button SLG46585M Datasheet HTML 33Page - Dialog Semiconductor SLG46585M Datasheet HTML 34Page - Dialog Semiconductor SLG46585M Datasheet HTML 35Page - Dialog Semiconductor SLG46585M Datasheet HTML 36Page - Dialog Semiconductor SLG46585M Datasheet HTML 37Page - Dialog Semiconductor SLG46585M Datasheet HTML 38Page - Dialog Semiconductor SLG46585M Datasheet HTML 39Page - Dialog Semiconductor SLG46585M Datasheet HTML 40Page - Dialog Semiconductor SLG46585M Datasheet HTML 41Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 210 page
background image
Datasheet
18-Sep-2019
CFR0011-120-00
Revision 3.3
37 of 210
© 2019 Dialog Semiconductor
SLG46585
GreenPAK Programmable Mixed-Signal Matrix with Asynchronous
State Machine, LDOs, and DC/DC Converter
DCMAX
Maximum Duty Cycle
VOUT = 3.3 V, fSW = 1.5 MHz
--
80
--
%
VOUT = 3.3 V, fSW = 2.0 MHz
--
75
--
%
DCMIN
Minimum Duty Cycle
--
20
--
%
ISW(LKG)
SW Leakage Current
Set on/off = 0, VIN = 5.5 V, VSW = 0 V
and 5.5 V
--
0
--
µA
TINT(Low)
INT De-assertion Time
VIN = 3.3 V, Temp = 27˚C
--
60
--
ns
TINT(High)
INT Assertion Time
VIN = 3.3 V, Temp = 27˚C
--
2
--
µs
THERMON
Thermal Protection
Restart Threshold
--
125
--
˚C
THERMOFF
Thermal Protection
Shutdown Threshold
--
100
--
˚C
Note 1 INT Interrupt is an Open-Drain output. Logic high level becomes asserted within TINT(HIGH) when an over-current condition
has been detected. After the over-current event no longer persist the INT becomes de-asserted after TINT(LOW).
Note 2 CCM - Continuous Conduction Mode Indicator Output. CCM is an Open-Drain digital output that becomes Low when
the load is high and the converter switches to the continuous conduction mode (CCM). The CCM output continues to toggle
when the converter is in non-CCM mode. Customers might use LP filter to convert the toggling signal to a DC signal, and based
on DC level to identify the converter operation mode.
Table 29: DC/DC Converter EC(Continued)
Parameter
Description
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com