Electronic Components Datasheet Search
  English  ▼

X  

MLX90821 Datasheet(PDF) 35 Page - Melexis Microelectronic Systems

Part # MLX90821
Description  Relative Pressure Sensor IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90821 Datasheet(HTML) 35 Page - Melexis Microelectronic Systems

Back Button MLX90821 Datasheet HTML 31Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 32Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 33Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 34Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 35Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 36Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 37Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 38Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 39Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
MLX90821
Relative Pressure Sensor IC
Page 35 of 40
REV 004 – 4 MAR 2021
3901090821
ERROR_ENABLE
parameter
ERROR
Slow channel diagnostic
N.A.
no error
000h
-
not calibrated
nc = no change
DIAG_INT
initialization error
003h (only once when reinit passes after reset)
(Remark: in contrary to the other errors, DIAG_INT is used here to enable/disable the complete check and not only the
customized slow channel error reporting)
ERR_EN_TINT
T_INT
A05h if DIAG_INT=1, else set bit 11 & 10
ERR_EN_IO
RAM_IO_CFG
A05h if DIAG_INT=1, else set bit 11 & 9
ERR_EN_SPSN
SPSN
A05h if DIAG_INT=1, else set bit 11 & 8
ERR_EN_PV
PRESS
A05h if DIAG_INT=1, else set bit 11 & 7
ERR_EN_PP
PRESS_PAR
A05h if DIAG_INT=1, else set bit 11 & 6
ERR_EN_BW
PRESS_BROKEN_W
A05h if DIAG_INT=1, else set bit 11 & 5
ERR_EN_TMED
T_MED
A05h if DIAG_INT=1, else set bit 11 & 4
ERR_EN_TCHIP
T_CHIP
A05h if DIAG_INT=1, else set bit 11 & 0
ERR_EN_VSUPH
VSUP_HIGH
021h / 901h if DIAG_VSUP = 0 / 1, but set bit 11 & 2 if also other errors are reported in the fast channel
and if DIAG_INT=0 (if DIAG_INT=1 and other errors, then A05h)
ERR_EN_VSUPL
VSUP_LOW
020h / 900h if DIAG_VSUP = 0 / 1, but set bit 11 & 1 if also other errors are reported in the fast channel
and if DIAG_INT=0 (if DIAG_INT=1 and other errors, then A05h)
DIAG_P1
P @ FC1 =
002h if DIAG_PCL = 0 / 812h if DIAG_PCL = 1
DIAG_P1
P @ FC1 =
001h if DIAG_PCL = 0 / 811h if DIAG_PCL = 1
DIAG_P2
P @ FC1 =
002h
DIAG_P2
P @ FC1 =
001h
DIAG_T1
T @ FC2 =
005h
DIAG_T1
T @ FC2 =
004h
DIAG_T2
T @ FC2 =
805h (Remark: value 186 matches with -50 degC)
DIAG_T2
T @ FC2 =
804h (Remark: value 2266 matches with +210 degC)
Table 27: Diagnostics in slow channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com