Electronic Components Datasheet Search
  English  ▼

X  

MLX90821 Datasheet(PDF) 25 Page - Melexis Microelectronic Systems

Part # MLX90821
Description  Relative Pressure Sensor IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90821 Datasheet(HTML) 25 Page - Melexis Microelectronic Systems

Back Button MLX90821 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 23Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 24Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 25Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 26Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 27Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 28Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 29Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
MLX90821
Relative Pressure Sensor IC
Page 25 of 40
REV 004 – 4 MAR 2021
3901090821
#
Type
ID
Description
Data
Rep
13 ROM
0x0D Fast channel 2
Characteristic Y1
If FC2 is pressure (FC_CFG = 0): ID0D = ID09
If FC2is temperature (FC_CFG = 2 or 3):
Default temperature Characteristic Y1: Fixed
value: 264
Enable / disable shared with MID0B / 0C / 0E
N
14 ROM
0x0E
Fast channel 2
Characteristic Y2
If FC2 is pressure (FC_CFG = 0): ID0E = ID0A
If FC2is temperature (FC_CFG = 2 or 3):
Default temperature Characteristic Y2: Fixed
value: 1784
Enable / disable shared with MID0B / 0C / 0D
N
15 EEPROM 0x29
Sensor ID #1
Programmable Data: 12 bit
Enable / disable shared with MID2A / 2B / 2C
N
16 EEPROM 0xYZ
Fully Programmable
message 1
Programmable ID: 8 bit
Programmable Data: 12 bit
N
17 EEPROM 0x2A Sensor ID #2
Programmable Data: 12 bit
Enable / disable shared with MID29 / 2B / 2C
N
18 EEPROM 0x2B
Sensor ID #3
Programmable Data: 12 bit
Enable / disable shared with MID29 / 2A / 2C
N
19 EEPROM 0x2C
Sensor ID #4
Programmable Data: 12 bit
Enable / disable shared with MID29 / 2A / 2B
N
20 EEPROM 0xYZ
Fully Programmable
message 2
Programmable ID: 8 bit
Programmable Data: 12 bit
N
21 EEPROM 0xYZ
Fully Programmable
message 3
Programmable ID: 8 bit
Programmable Data: 12 bit
N
22 EEPROM 0xYZ
Programmable message 4
Programmable ID: 8 bit
Programmable Data: 12 bit
Enable / disable shared with programmable
message 5
N
23 EEPROM 0xYZ
Programmable message 5
Message ID = ID programmable message 4 + 1
Programmable Data: 12 bit
Enable / disable shared with programmable
message 4
N
24 EEPROM 0xYZ
Programmable message 6
Programmable ID: 8 bit
Programmable Data: 12 bit
Enable / disable shared with programmable
message 7
N
25 EEPROM 0xYZ
Programmable message 7
Message ID = ID programmable message 6 + 1
Programmable Data: 12 bit
Enable / disable shared with programmable
message 6
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com