Electronic Components Datasheet Search
  English  ▼

X  

MLX90821 Datasheet(PDF) 20 Page - Melexis Microelectronic Systems

Part # MLX90821
Description  Relative Pressure Sensor IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90821 Datasheet(HTML) 20 Page - Melexis Microelectronic Systems

Back Button MLX90821 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 23Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 24Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
MLX90821
Relative Pressure Sensor IC
Page 20 of 40
REV 004 – 4 MAR 2021
3901090821
ADC
The 16 bit differential ADC has a range from –VDDA/2 to +VDDA/2.
There are 7 different ADC channels. Channel 0 is not used. Table 13 below describes all the channels.
ADC
Signal
Remarks
SIN[2:0]
0
-
Nothing connected
1
P
Pressure
2
Tint
Internal Temperature
3
Vsup
External Supply
4
InP/InN
Multiplexing between Positive/Negative Sensor
Output
5
Vdig
Digital Regulator
6
Tntc
NTC Output
7
Text
External Temperature
Table 13: ADC channels
The different channels are converted in a constantly repeating sequence. A new ADC conversion is done every
50us following the sequence shown below in Figure 10. This is resulting in an updated pressure output value
every 200us.
P
Tint
P
Text
P
Tntc
P
Vsup
P
...
Tint
P
Text
P
Tntc
P
InP/InN
P
Tint
P
Figure 10: ADC sequence
Digital
The digital is built around a 16-bit microcontroller. It contains besides the processor also ROM, RAM and EEPROM
and a set of user and system IO registers.
Temperature compensation of the pressure signal and pressure linearization is handled by the microcontroller.
For the pressure compensation there are EEPROM parameters allocated to be able to cover a large variety of
calibration approaches.
Both for gain and offset of the pressure signal, there is a separate temperature dependency programmable
ranging from a temperature independence to a first order, second order and finally a third order compensation.
This is reflected in EEPROM parameters for the offset (O0, O1, O2 and O3) and for the gain (G0, G1, G2 and G3).
If required, the linearity of the pressure signal can also be compensated without a temperature dependency or
with a first order temperature dependency through EEPROM parameters L0 and L1.
Linearization of the NTC temperature is also covered partially by the microcontroller. More information in this
topic can be found in chapter 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com