Electronic Components Datasheet Search
  English  ▼

X  

MLX90821 Datasheet(PDF) 28 Page - Melexis Microelectronic Systems

Part # MLX90821
Description  Relative Pressure Sensor IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90821 Datasheet(HTML) 28 Page - Melexis Microelectronic Systems

Back Button MLX90821 Datasheet HTML 24Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 25Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 26Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 27Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 28Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 29Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 30Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 31Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 32Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
MLX90821
Relative Pressure Sensor IC
Page 28 of 40
REV 004 – 4 MAR 2021
3901090821
Wrong Connections Overview Analog Output
Table 18 provides an overview of the behavior of the MLX90821 when different combinations of connections to
GND, VDD and OUT are made.
GND
VDD
Analog out
Effect on output
Action after wrong
connection
0V
5V
Pull-down or Pull-up
Normal operation
Normal operation
Disconnected
5V
Pull-down or Pull-up
High Fault Band
Normal operation
0V
Disconnected
Pull-down or Pull-up
Low Fault Band
Normal operation
0V
5V
Disconnected
Low Fault Band for
Pull-down
High Fault Band for
Pull-up
Normal operation
0V
5V
0V
Low Fault Band
Normal operation
0V
5V
5V
High Fault Band
Normal operation
0V
5V
18V
18V
Normal operation
0V
0V
Pull-down or Pull-up
Low Fault Band
Normal operation
0V
18V
Pull-down or Pull-up
Low Fault Band for
Pull-down
High Fault Band for
Pull-up
Normal operation
5V
5V
Pull-down or Pull-up
High Fault Band
Normal operation
5V
0V
Pull-down or Pull-up
Normal operation
Table 18: Wrong connections overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com