Electronic Components Datasheet Search
  English  ▼

X  

MLX90821 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # MLX90821
Description  Relative Pressure Sensor IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90821 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  MLX90821 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
MLX90821
Relative Pressure Sensor IC
Page 1 of 40
REV 004 – 4 MAR 2021
3901090821
Features and Benefits
▪
High accuracy relative pressure sensor
▪
Ratiometric analog output or digital SENT output
with optional compensated ±1°C accurate NTC
temperature information
▪
System in a package: MEMS, analog front end
circuitry, 16 bit microcontroller, analog back end
circuitry, voltage regulators
▪
Large automotive temperature range (-40°C to
150°C)
▪
Automotive qualified and automotive diagnostic
features
(clamping
levels,
broken
track
diagnostics, multiple internal fault diagnostics)
▪
Factory calibrated or fully programmable or
reconfigurable through the connector for
customized calibration curves
▪
Back side exposed relative pressure sensor for
higher resistance to common automotive
media
▪
Assembled in a robust easy to seal package
Application Examples
▪
Fuel vapor pressure sensor
▪
Crankcase ventilation pressure sensor
▪
Pressure sensor for filter monitoring
Ordering Information
Product Code
Temperature
Code
Package
Code
Option Code
Packing
Form Code
MLX90821
L
XG
DBA-003
RE
MLX90821
L
XG
DBA-005
RE
MLX90821
L
XG
DBA-006
RE
MLX90821
L
XG
DBA-007
RE
MLX90821
V
XG
DBA-008
RE
MLX90821
L
XG
DBA-100
RE
Legend:
Temperature Code:
L = -40°C to 150°C
V = -40°C to 115°C
Package Code:
XG = SOIC16 WB cavity package
Option Code:
DBA-003 = -0.06 to 0.26bar relative pressure / 0.5V to 4.5V analog output
DBA-005 = -0.05 to 0.05bar relative pressure / 0.5V to 4.5V analog output
DBA-006 = -0.2 to 0.5bar relative pressure / 4.5V to 0.5V analog output
DBA-007 = -0.1 to 0.1bar relative pressure / 0.5V to 4.5V analog output
DBA-008 = -0.0375 to 0.0125 bar relative pressure / 4.5 V to 0.5 V analog output
DBA-100 = -0.06 to 0.26bar relative pressure / 193 to 3896LSB SENT output
Packing Form:
RE = Reel
Ordering example:
MLX90821LXG-DBA-003-RE


Similar Part No. - MLX90821

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90804 ETC-MLX90804 Datasheet
147Kb / 12P
Speed regulator for universal motors
logo
Melexis Microelectronic...
MLX90804 MELEXIS-MLX90804 Datasheet
192Kb / 9P
Programming kit
logo
List of Unclassifed Man...
MLX90804SA-X ETC-MLX90804SA-X Datasheet
147Kb / 12P
Speed regulator for universal motors
MLX90805 ETC-MLX90805 Datasheet
167Kb / 13P
Intelligent Triac Controller
logo
Melexis Microelectronic...
MLX90805 MELEXIS-MLX90805 Datasheet
192Kb / 9P
Programming kit
More results

Similar Description - MLX90821

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
KPY32-R SIEMENS-KPY32-R Datasheet
92Kb / 3P
Silicon Piezoresistive Relative Pressure Sensor
KPY32-RK SIEMENS-KPY32-RK Datasheet
151Kb / 3P
Silicon Piezoresistive Relative Pressure Sensor
KPY33-R SIEMENS-KPY33-R Datasheet
94Kb / 3P
Silicon Piezoresistive Relative Pressure Sensor
KPY33-RK SIEMENS-KPY33-RK Datasheet
149Kb / 3P
Silicon Piezoresistive Relative Pressure Sensor
KPY41-R SIEMENS-KPY41-R Datasheet
70Kb / 3P
Silicon Piezoresistive Relative Pressure Sensor
KPY51-RK SIEMENS-KPY51-RK Datasheet
144Kb / 4P
Silicon Piezoresistive Relative Pressure Sensor
logo
Melexis Microelectronic...
MLX90257 MELEXIS-MLX90257 Datasheet
186Kb / 9P
Relative Integrated Pressure Sensor
MLX90807 MELEXIS-MLX90807 Datasheet
165Kb / 8P
Relative Integrated Pressure Sensor
MLX90809 MELEXIS-MLX90809 Datasheet
538Kb / 11P
Relative Pressure Sensor
MLX90809 MELEXIS-MLX90809_17 Datasheet
941Kb / 14P
Relative Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com