Electronic Components Datasheet Search
  English  ▼

X  

MLX90821 Datasheet(PDF) 8 Page - Melexis Microelectronic Systems

Part # MLX90821
Description  Relative Pressure Sensor IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90821 Datasheet(HTML) 8 Page - Melexis Microelectronic Systems

Back Button MLX90821 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
MLX90821
Relative Pressure Sensor IC
Page 8 of 40
REV 004 – 4 MAR 2021
3901090821
Parameter
Symbol
Remarks
Min
Typ(1)
Max
Units
Analog saturation output
level
Vsat high Pull-up ≥ 4.7kΩ
Pull-down ≥ 4.7kΩ
Pull-down ≥ 10kΩ
97
96
97
100
100
100
%Vdd
Vsat low
Pull-up ≥ 4.7kΩ
Pull-down ≥ 4.7kΩ
0
0
3
3
%Vdd
Power up time analog
Time from reaching minimum allowed
supply voltage of 4.5V till having the
output within specification
1.3
ms
Power up time SENT
Time from reaching minimum allowed
supply voltage of 4.5V till the first falling
edge of the first SENT frame
1.1
ms
Pressure response time
analog
Time needed for the output to change
from an input pressure step to 90% of its
final value. Capacitive load 100nF.
Using default filter settings PFLT=0 and
SSF=1.
For response times using different filter
settings see Table 11.
1
ms
Pressure response time
SENT(4)
Default filter setting PFLT = 0 and SSF = 1.
Tick time = 3us and Pause Pulse enabled.
For other configurations refer to Table 11
in chapter 12.1.
3
SENT
frames
InP InN digital diagnostic
levels
Diagnostic thresholds of 25% of VDDA
(low) and 75% of VDDA (high)
-16384
16384
lsb
Pressure output noise
analog
BW limited to 50kHz.
2
mVrms
Input voltage range on
NTC pin
0
3.5
V
Table 4: Electrical specifications
Detailed General Description
The MLX90821 contains a pressure sensing element which consists of a square diaphragm realized in the
silicon chip by backside etching. The diaphragm reacts to a pressure difference between the top and bottom
side of the diaphragm. The internal strain increases, in particular at the border of the diaphragm. Here, the
piezoresistive elements have been implanted into the silicon diaphragm, which act as a transducer.
The sensor interface containing the readout circuit is integrated in the same package as the sensing element.
The electronics front end amplifies the signal from the bridge, performs a coarse offset compensation and
an ADC conversion. The DSP performs the compensations over temperature. Furthermore, the digital circuit
provides some filtering, the possibility to linearize the pressure signal and also implements the clamping
function. The analog back end consists of a 12 bit DAC and an output driver. This chip delivers an analog
output proportional to the pressure or a SENT output compliant with the rev 4 from April 2016 of the SAE
J2716 specification. An accurate factory calibrated external NTC temperature is also available on the SENT
output.
4 Number of SENT frames between pressure step and settled output (last frame containing stable pressure data)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com