Electronic Components Datasheet Search
  English  ▼

X  

MLX90821 Datasheet(PDF) 6 Page - Melexis Microelectronic Systems

Part # MLX90821
Description  Relative Pressure Sensor IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90821 Datasheet(HTML) 6 Page - Melexis Microelectronic Systems

Back Button MLX90821 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 10Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
MLX90821
Relative Pressure Sensor IC
Page 6 of 40
REV 004 – 4 MAR 2021
3901090821
Pin Definitions and Descriptions
Pin number
Description
Pin number
Description
1
Not Connected
16
Not Connected
2
Not Connected
15
Not Connected
3
Not Connected
14
Not Connected
4
Not Connected
13
Not Connected
5
Ground
12
Test pin
6
NTC input
11
SENT output
7
Ground
10
Test pin
8
Analog output
9
Supply input
Table 2: Pin out definitions and descriptions
Figure 2: Package marking (top view)
Symbol
Function / Description
ZZZZZZZZZZ
Assembly lot number
YY
Year of assembly
WW
Calendar week of assembly
XXXXX
Sensor lot number
AAA
MEMS and ASIC traceability letter
Table 3: Package marking definition
ZZZZZZZZZZ
YYWW
XXXXX
90821AAA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com