Electronic Components Datasheet Search
  English  ▼

X  

MLX90821 Datasheet(PDF) 37 Page - Melexis Microelectronic Systems

Part # MLX90821
Description  Relative Pressure Sensor IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90821 Datasheet(HTML) 37 Page - Melexis Microelectronic Systems

Back Button MLX90821 Datasheet HTML 32Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 33Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 34Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 35Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 36Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 37Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 38Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 39Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 40Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
MLX90821
Relative Pressure Sensor IC
Page 37 of 40
REV 004 – 4 MAR 2021
3901090821
Application Information
MLX90821 Application Schematic Analog
8
7
6
5
4
3
2
1
9
10
11
12
13
14
15
16
100nF
100nF
VDD
GND
OUT
Figure 13: Basic application schematic analog output
MLX90821 Application Schematic SENT
8
7
6
5
4
3
2
1
9
10
11
12
13
14
15
16
2.2nF
100nF
GND
VDD
OUT
NTC
10nF
NTC optional
If not used
connect pin 6
to GND
Figure 14: Basic application schematic SENT output
These recommendations for external components are only providing a basic protection. Depending on the
module design and the EMC speciation requirements different configurations can be needed.
The pressure sensor side facing the PCB shall be exposed only to clean dry air, it should be protected against
excessive moisture or any source of corrosion in the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com