Electronic Components Datasheet Search
  English  ▼

X  

MLX90821 Datasheet(PDF) 7 Page - Melexis Microelectronic Systems

Part # MLX90821
Description  Relative Pressure Sensor IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90821 Datasheet(HTML) 7 Page - Melexis Microelectronic Systems

Back Button MLX90821 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
MLX90821
Relative Pressure Sensor IC
Page 7 of 40
REV 004 – 4 MAR 2021
3901090821
General Electrical Specifications
DC Operating Parameters TA = -40°C to 150°C
Parameter
Symbol
Remarks
Min
Typ(1)
Max
Units
Nominal supply voltage
Vdd
4.5
5
5.5
V
Nominal supply current
Idd
No output load connected, no NTC
connected(2)
8.5
11
mA
Decoupling capacitor on
supply
47
100
nF
Capacitive load on
analog output
Cload
47
100
470
nF
Resistive load on analog
output
Rload
Pull up or Pull down
4.7
kOhm
Capacitive load on SENT
output
Cload
Pure capacitive load
2.2
nF
CRC load circuit
(C close to device + Series R + C close to
connector)
1.1nF +
220Ω +
1.1nF
Resistive load on SENT
output
Pull-up to Vdd at receiver(3)
10
55
kOhm
Supply programming
entry level
Vdd_com Threshold to enter communication mode
6.2
7
7.8
V
Analog POR level (rising)
3.1
3.5
3.9
V
Analog POR hysteresis
100
500
mV
Digital POR level (rising)
2.05
2.3
2.7
V
Digital POR hysteresis
10
200
mV
Analog regulator
VDDA
-9%
3.5
+9%
V
Nominal bridge supply
voltage
Vbrg
-9%
3
+9%
V
Sensing element
sensitivity
55
mV/V/bar
ADC resolution
16
Bits
Diagnostic limits
Diag low
Pull-up ≥ 4.7kΩ
Pull-down ≥ 4.7kΩ
3
3
%Vdd
Diag high Pull-up ≥ 4.7kΩ
Pull-down ≥ 8kΩ
96
96
%Vdd
Clamping levels analog
output
Clamp
low
Programmable range with 7 bit resolution
for the low clamping level, 9 for the high
0
12.5
%Vdd
Clamp
high
50
100
%Vdd
1
Typical values are defined at TA = +25°C and VDD = 5V.
2 Only applicable for SENT output and combination with NTC option.
3
As specified in the SENT standard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com