Electronic Components Datasheet Search
  English  ▼

X  

DA9072 Datasheet(PDF) 46 Page - Dialog Semiconductor

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9072 Datasheet(HTML) 46 Page - Dialog Semiconductor

Back Button DA9072 Datasheet HTML 42Page - Dialog Semiconductor DA9072 Datasheet HTML 43Page - Dialog Semiconductor DA9072 Datasheet HTML 44Page - Dialog Semiconductor DA9072 Datasheet HTML 45Page - Dialog Semiconductor DA9072 Datasheet HTML 46Page - Dialog Semiconductor DA9072 Datasheet HTML 47Page - Dialog Semiconductor DA9072 Datasheet HTML 48Page - Dialog Semiconductor DA9072 Datasheet HTML 49Page - Dialog Semiconductor DA9072 Datasheet HTML 50Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 113 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.0
14-Jun-2021
CFR0011-120-00
46 of 113
© 2021 Dialog Semiconductor
Figure 28 shows how to periodically feed the watchdog and what happens when the processor stalls.
VBAT_UVLO_THR
BAT
SYS
I
2C
WD
tWATCHDOG
tWATCHDOG
tWATCHDOG
tWATCHDOG
tWATCHDOG
tWATCHDOG
tWATCHDOG
tWATCHDOG
tWATCHDOG
tWATCHDOG
tWATCHDOG
Host stalls
Figure 28: Watchdog Behavior
4.8.2
VDDIO
VDDIO is the I/O supply rail for DA9072. I2C communication (SDA, SCL), MODE, WD, ROUT_N,
SYS_FLT, and PWR_FLT pins are all referenced to the VDDIO level.
VDDIO is an input pin, which can be supplied with any voltage between 1.4 V and 3.3 V as required
to interface with the host. However, the VDDIO voltage must not be higher than the VDD_PWR and
VBAT voltages. Therefore, it is recommended to use the buck or LDO output to supply VDDIO. The
VDDIO pin should be bypassed with a 1 µF capacitor, placed close to the pin and grounded to
AGND.
4.8.3
Interrupt Events and Status Control
DA9072 has an interrupt interface for 35 individual events. Some of these events are categorized as
charge fault events, see Section 4.4.7.
There is a read-only event bit for each interrupt in the SYS_ISR_<n> registers 0x0003 through
0x0007. A high state indicates that an event has occurred. The bit is kept in a high state, even if the
fault condition is removed, until the bit is cleared. These are read-to-clear bits which are read once to
identify the event and read a second time to reset the bit to 0.
The DA9072 provides two open drain output pins to indicate system status and interrupts, SYS_FLT
and PWR_FLT. These should be pulled up to VDDIO with a 1 k
Ω to 100 kΩ resistor. Both pins have
configuration options, set by PWR_FLT_MODE (register 0x0011 [4]) and SYS_FLT_MODE (register
0x0011 [0]).
The PWR_FLT output can be configured as an indicator of the VDD_PWR status, or as a level-
shifted RIN_N monitor, see Figure 29 and Figure 30.
When used as a level shifted RIN_N monitor, there is a typical delay of 1.5 ms between RIN_N and
PWR_FLT signals.
In the case of VDD_PWR status indicator, PWR_FLT goes low only when VDD_PWR is within a
valid range. In both cases a high state is high impedance.
RIN_N
PWR_FLT
Figure 29: PWR_FLT Configured as RIN_N Monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com