Electronic Components Datasheet Search
  English  ▼

X  

DA9072 Datasheet(PDF) 30 Page - Dialog Semiconductor

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9072 Datasheet(HTML) 30 Page - Dialog Semiconductor

Back Button DA9072 Datasheet HTML 26Page - Dialog Semiconductor DA9072 Datasheet HTML 27Page - Dialog Semiconductor DA9072 Datasheet HTML 28Page - Dialog Semiconductor DA9072 Datasheet HTML 29Page - Dialog Semiconductor DA9072 Datasheet HTML 30Page - Dialog Semiconductor DA9072 Datasheet HTML 31Page - Dialog Semiconductor DA9072 Datasheet HTML 32Page - Dialog Semiconductor DA9072 Datasheet HTML 33Page - Dialog Semiconductor DA9072 Datasheet HTML 34Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 113 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.0
14-Jun-2021
CFR0011-120-00
30 of 113
© 2021 Dialog Semiconductor
Table 21: MODE Functionality
VDD_PWR
MODE = 0
MODE = 1
Disconnected
Hi-Z mode (edge triggered)
Active Battery mode
Connected
Charge enabled if CE_N = 0
Charge disabled if CE_N = 1
Charge disabled
4.2.2
Battery Protection
DA9072 includes several types of battery protection. The battery is protected during discharge from
over-current conditions by the IBAT_DCHG function and from over-discharge conditions by the
VBAT_UVLO (under-voltage lockout) functions.
During charging, the temperature sense (TEMP_SNS) function protects against over-temperature,
and highly accurate voltage regulation and charging current prevent over-voltage and over-current
conditions.
4.2.2.1
VBAT Over-Current Protection
The battery discharge over-current protection threshold, IBAT_DCHG_RNG, is programmable from 0.55 A
to 1.75 A by IDISCHG_OCP (register 0x0029 [4:2]). Over-current protection clamps the maximum
battery current at the set threshold and is available in all modes of operation. Battery current starts to
be limited approximately 150 mA below the protection clamp. When an over-current condition occurs
during charging, safety timers and charge termination are suspended.
In an over-current fault, a VBAT_OCP interrupt is generated at SYS_FLT pin and indicated by the
event bit ISR_VBAT_OCP (register 0x0004 [2]).
All battery current flows from VBAT to VDD_SYS. Therefore, set the IBAT_DCHG threshold higher
than the maximum expected system current from VDD_SYS. However, if the threshold is set higher
than the battery can support, battery voltage may drop below VBAT_UVLO before the current is
limited. When the IBAT_DCHG function clamps the battery current, VDD_SYS droops. This may
cause secondary fault conditions such as VDD_SYS UVLO.
4.2.2.2
VBAT Under-Voltage and Short Protection
The battery under-voltage protection threshold (VBAT_UVLO_THR) can be set from 2.5 V to 3.0 V by bits
BUVLO (register 0x000E [2:0])
. This should be set at or above the battery’s minimum discharge
voltage specification. VBAT_UVLO protects the battery from over-discharge by disconnecting the
discharge path when the battery voltage falls below the UVLO threshold.
When a VBAT_UVLO occurs in battery powered modes (VDD_PWR not connected), the DA9072
outputs, including VDD_SYS, shut down and all registers are reset to their default PoR values.
VBAT_UVLO generates an interrupt at SYS_FLT and is indicated by the ISR_VBAT_UVLO event bit
(register 0x0004 [0]).
With VDD_PWR connected, VBAT_UVLO is ignored, making pre-charge level charging available
down to 0 V at VBAT. In this case, a separate fault condition applies: VBAT_SHORT. The
VBAT_SHORT threshold is typically 2.0 V and is indicated by event bit ISR_VBAT_SHORT (register
0x0004[3]).
4.2.2.3
Battery Temperature Sensing
The TEMP_SNS
function uses the battery’s NTC thermistor to monitor battery temperature. If the
battery is too cold or hot, either the fast charge current (or target voltage) is reduced or charging is
terminated. Table 22 summarizes what protective measures are taken in each temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com