Electronic Components Datasheet Search
  English  ▼

X  

DA9072 Datasheet(PDF) 38 Page - Dialog Semiconductor

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9072 Datasheet(HTML) 38 Page - Dialog Semiconductor

Back Button DA9072 Datasheet HTML 34Page - Dialog Semiconductor DA9072 Datasheet HTML 35Page - Dialog Semiconductor DA9072 Datasheet HTML 36Page - Dialog Semiconductor DA9072 Datasheet HTML 37Page - Dialog Semiconductor DA9072 Datasheet HTML 38Page - Dialog Semiconductor DA9072 Datasheet HTML 39Page - Dialog Semiconductor DA9072 Datasheet HTML 40Page - Dialog Semiconductor DA9072 Datasheet HTML 41Page - Dialog Semiconductor DA9072 Datasheet HTML 42Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 113 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.0
14-Jun-2021
CFR0011-120-00
38 of 113
© 2021 Dialog Semiconductor
To reset the safety timer and resume charging after the timer has expired, toggle the MODE pin or
the CE_N bit (register 0x0020 [0]), or remove and re-connect VDD_PWR.
Charge faults may cause the timer duration to be doubled, suspended, or reset, see Table 27. The
timer doubling function can be doubled using the TMRX2_EN bit (register 0x0021:[3]).
Table 27: Safety Timer Register Settings (0x0021)
TMR
Pre-Charge Timer
Main Timer
0x0
3 min
30 min
0x1
18 min
3 h
0x2
54 min
9 h
0x3
(Disable)
(Disable)
4.5
USB Powered Operation and Power Path Management
The DA9072 monitors battery voltage and current as well as VDD_PWR input voltage and current
during all modes of operation. At all levels of operation, the appropriate charge current is maintained
while protecting the battery, system connections, and the input supply from over-voltage and over-
current and other potential fault conditions.
The DA9072 power path management features ensure smooth transitions from charging, to reduced
charging, to battery supplementing the load during load peaks.
4.5.1
Under-Voltage Lockout
The UVLO threshold for VDD_PWR is 3.6 V (typical). Below this voltage, VDD_PWR is disconnected
from the power path and DA9072 is in battery powered operation. VDD_PWR UVLO causes
SYS_FLT to toggle and sets event bit ISR_VDD_PWR_UVLO (register 0x0003 [1]) = 1.
The UVLO threshold has typically 150 mV of hysteresis on the rising edge. When VDD_PWR rises
above this threshold, charging is re-enabled. UVLO recovery also toggles the SYS_FLT interrupt and
sets the UVLO recovery event bit.
4.5.2
Sleep Mode
Sleep mode behavior is similar to UVLO, but the falling threshold is relative to VBAT. When
VDD_PWR falls within 65 mV (typical) of VBAT, Sleep mode is activated. In Sleep mode, VDD_PWR
is disconnected from the power path, SYS_FLT toggles, and event bit ISR_SLP (register 0x0005 [0])
= 1. When VDD_PWR falls into the range of Sleep mode, DPPM mode is already active (VDD_PWR
< VBAT_CHG) and the charge current is already reduced to zero, see Section 4.5.5.
4.5.3
VDD_PWR Current Limit
The VDD_PWR current limit (IDDPWR_LIM) feature protects both the DA9072 and the USB supply from
excessive current. The current limit threshold is programmable from 50 mA to 600 mA in 50 mA
steps via bits ILIM (register 0x0027 [3:0]. When the input current reaches the set threshold,
VDD_PWR current is clamped and event bit ISR_VDD_PWR_ILIM (register 0x0003 [4]) = 0x1. If the
load at VDD_SYS increases the VDD_SYS voltage drops, eventually triggering a VDD_SYS UVLO.
The dynamic power management (DPM) function, when enabled, reduces the current limit threshold
as USB input voltage is reduced.
4.5.4
Input Voltage Dynamic Power Management
If the charge current and system load exceed the current capability of the VDD_PWR input source,
the input voltage drops. Dynamic power management (DPM) prevents the input from dropping below
the nominal USB range and into Dynamic Power Path mode (DPPM) by scaling down the VDD_PWR
current limit (IDDPWR_LIM) until it matches current capability of the USB source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com