Electronic Components Datasheet Search
  English  ▼

X  

DA9072 Datasheet(PDF) 98 Page - Dialog Semiconductor

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9072 Datasheet(HTML) 98 Page - Dialog Semiconductor

Back Button DA9072 Datasheet HTML 94Page - Dialog Semiconductor DA9072 Datasheet HTML 95Page - Dialog Semiconductor DA9072 Datasheet HTML 96Page - Dialog Semiconductor DA9072 Datasheet HTML 97Page - Dialog Semiconductor DA9072 Datasheet HTML 98Page - Dialog Semiconductor DA9072 Datasheet HTML 99Page - Dialog Semiconductor DA9072 Datasheet HTML 100Page - Dialog Semiconductor DA9072 Datasheet HTML 101Page - Dialog Semiconductor DA9072 Datasheet HTML 102Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 113 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.0
14-Jun-2021
CFR0011-120-00
98 of 113
© 2021 Dialog Semiconductor
0x0 (POR)
Default -50mA
0x1
Default current limit
0x2
Default +50mA
0x3
Default +100mA
Table 79: Register VOUT_LS_LDO0
Address
Register Name
POR Value
LS_LDO_0 control
0x0032
VOUT_LS_LDO0
0x24
7
6
5
4
3
2
1
0
EN_LS_LDO_0
Reserved
LS_LDO_0<5:0>
Field Name
Bits
POR
Description
EN_LS_LDO_0
[7]
0x0
LS_LDO_0 enable. LDO becomes active 20 ms after LDO0 is enabled.
LS_LDO_0
[5:0]
0x24
LDO0 voltage setting, cannot be written to when LS_LDO0 is enabled.
0.8 V to 1.6 V in 25 mV steps and 1.6 V to 3.15 V in 50 mV steps.
Value
Description
0x0
0.8
0x1
0.825
0x2
0.85
0x3
0.875
0x4
0.9
0x5
0.925



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com