Electronic Components Datasheet Search
  English  ▼

X  

DA9072 Datasheet(PDF) 48 Page - Dialog Semiconductor

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9072 Datasheet(HTML) 48 Page - Dialog Semiconductor

Back Button DA9072 Datasheet HTML 44Page - Dialog Semiconductor DA9072 Datasheet HTML 45Page - Dialog Semiconductor DA9072 Datasheet HTML 46Page - Dialog Semiconductor DA9072 Datasheet HTML 47Page - Dialog Semiconductor DA9072 Datasheet HTML 48Page - Dialog Semiconductor DA9072 Datasheet HTML 49Page - Dialog Semiconductor DA9072 Datasheet HTML 50Page - Dialog Semiconductor DA9072 Datasheet HTML 51Page - Dialog Semiconductor DA9072 Datasheet HTML 52Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 113 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.0
14-Jun-2021
CFR0011-120-00
48 of 113
© 2021 Dialog Semiconductor
RIN_N
SYS_FLT
RIN_N_WAKE1
RIN_N_WAKE2
RIN_N_RST
ROUT_N
tINTR
tINTR
tINTR
tRST_D
tWAKE2
tRST
tWAKE1
(don’t care)
Figure 31: RIN_N Pushbutton Reset Timer Timing Diagram
The RESET behavior is configurable with the options shown in Table 40.
Table 40: RIN_N Reset Timer Configuration
Bits
Configuration Description
RIN_N_RST_REC
0x0010 [1:0]
0: RESET event has no effect
1: Enter Ship mode at RESET
2: Enter Hi-Z mode at RESET
PWR_CYC_MODE
0x0012 [1]
0: Power cycle triggered by VDD_PWR insertion / removal
1: Power cycle triggered by RESET timer when VDD_PWR present
RIN_N_RST_ROUT_EN
0x0010 [3:2]
0: Disable ROUT_N toggle at RESET
1: Enable ROUT_N toggle at RESET
2: Enable ROUT_N toggle at RESET only when VDD_PWR is present
The RIN_N timer can also be used to exit Ship mode. A WAKE1 event triggers Ship mode exit, with
WAKE2 and RESET being ignored.
If ROUT_N is enabled, a RESET event causes the ROUT_N output to toggle low for 400 ms (typ).
ROUT_N is an open-drain output, pull up this pin to the logic rail with a 1 k
Ω to 100 kΩ resistor.
4.8.5
System Status Register
The System Status register (0x0002) indicates the status of four system functions:
•
BUCK: High = enabled with no faults
•
Charge Status: Ready, Charge in Progress, Charge Done, or Fault
•
MODE: Logic state of the MODE pin
•
Power Cycle: High indicates that a power cycle has occurred
Only the power cycle bit shows previous events and is read-clear. The others are READ only,
reflecting the current status.
4.8.6
I2C Programming
DA9072 includes an I2C compatible interface which allows READ/WRITE access to all registers. The
interface is disabled in some modes and is configurable, see Table 41.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com