Electronic Components Datasheet Search
  English  ▼

X  

DA9072 Datasheet(PDF) 95 Page - Dialog Semiconductor

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9072 Datasheet(HTML) 95 Page - Dialog Semiconductor

Back Button DA9072 Datasheet HTML 91Page - Dialog Semiconductor DA9072 Datasheet HTML 92Page - Dialog Semiconductor DA9072 Datasheet HTML 93Page - Dialog Semiconductor DA9072 Datasheet HTML 94Page - Dialog Semiconductor DA9072 Datasheet HTML 95Page - Dialog Semiconductor DA9072 Datasheet HTML 96Page - Dialog Semiconductor DA9072 Datasheet HTML 97Page - Dialog Semiconductor DA9072 Datasheet HTML 98Page - Dialog Semiconductor DA9072 Datasheet HTML 99Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 113 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.0
14-Jun-2021
CFR0011-120-00
95 of 113
© 2021 Dialog Semiconductor
5.2.4
Buck and LDO Control
5.2.4.1
VOUT User Registers
Table 77: Register VOUT_BUCK
Address
Register Name
POR Value
Buck enable and VOUT control
0x0030
VOUT_BUCK
0x5C
7
6
5
4
3
2
1
0
BUCK_EN
VOUT_RANGE_HI
Reserved
BUCK_VOUT<4:0>
Field Name
Bits
POR
Description
BUCK_EN
[7]
0x0
BUCK enable
VOUT_RANGE_HI
[6]
0x1
Buck output range control.
This register can be written when buck is disabled or when BUCK_EN is being written to 0.
Value
Description
0x0
0.60 V <= VBUCK <= 1.30 V
0x1 (POR)
1.30 V <= VBUCK <= 2.10 V
BUCK_VOUT
[4:0]
0x1C
Buck output voltage setting (0.6 V to 2.1 V in 50 mV steps).
0.60 V to 1.30 V can be set when VOUT_RANGE_HI=0 and 1.3 V to 2.1 V can be set when VOUT_RANGE_HI=1.
Value
Description
0x00
0.60 V
0x01
0.65 V
0x02
0.70 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com