Electronic Components Datasheet Search
  English  ▼

X  

DA9072 Datasheet(PDF) 9 Page - Dialog Semiconductor

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9072 Datasheet(HTML) 9 Page - Dialog Semiconductor

Back Button DA9072 Datasheet HTML 5Page - Dialog Semiconductor DA9072 Datasheet HTML 6Page - Dialog Semiconductor DA9072 Datasheet HTML 7Page - Dialog Semiconductor DA9072 Datasheet HTML 8Page - Dialog Semiconductor DA9072 Datasheet HTML 9Page - Dialog Semiconductor DA9072 Datasheet HTML 10Page - Dialog Semiconductor DA9072 Datasheet HTML 11Page - Dialog Semiconductor DA9072 Datasheet HTML 12Page - Dialog Semiconductor DA9072 Datasheet HTML 13Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 113 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.0
14-Jun-2021
CFR0011-120-00
9 of 113
© 2021 Dialog Semiconductor
1
Pinout
LDO1
Reset/Timer
Control
Temp Sense
Common
Buck
Charger/Power Path
LDO2
LDO0
7
6
5
4
3
A
B
C
D
E
F
PGND_B
UCK
FB_BUC
K
VDD_BU
CK
VDD_SY
S
GND
VDD_SY
S
VBAT_DI
V
VLDO2
SW_BU
CK
VDD_DL
O0
VLDO0
VLDO1
SDA
AGND
SLC
ROUT_N
PWR_FL
T
VDD_LD
O1
VDD_LD
O2
RIN_N
MODE
TEMP_S
NS
SYS_FL
T
WD
IMON
ILIM_CH
G
GND
VDDIO
GND_DI
V
GND
2
GND
VDD_P
WR
VBAT
ITER_C
HG
ILIM_PW
R
VTEMP
1
NC
GND
VBAT
VBAT_S
NS
VDD_SY
S
GND
Figure 2: Pinout Diagram (Bottom View)
Note 1
Although Pin D1 is connected to VDD_SYS, it does not handle any current. Therefore, it does not
need to be routed by large current rule.
Table 1: Pin Description
Pin #
Pin Name
Type
(Table 2)
Description
A1, D3,
E1, F2,
F3, F4
GND
GND
Ground connection. Connect to the ground plane.
A2
VDD_PWR
POWER
Input power supply. VDD_PWR is a 20 V-tolerant input.
Bypass to GND with a minimum 1 µF ceramic capacitor.
A3, A4,
D1
VDD_SYS
POWER
VDD_SYS is the intermediate rail which typically supplies
VDD_BUCK. Bypass to ground with a 4.7 µF ceramic
capacitor.
A5
VDD_BUCK
POWER
Input of the buck converter. Bypass to PGND_BUCK with a
minimum 2.2 µF ceramic capacitor.
A6
SW_BUCK
POWER
Buck switching node. Connect to the buck inductor.
A7
PGND_BUCK
POWER
Power ground for the buck. Connect to the buck input
capacitor and ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com