Electronic Components Datasheet Search
  English  ▼

X  

DA9072 Datasheet(PDF) 11 Page - Dialog Semiconductor

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9072 Datasheet(HTML) 11 Page - Dialog Semiconductor

Back Button DA9072 Datasheet HTML 7Page - Dialog Semiconductor DA9072 Datasheet HTML 8Page - Dialog Semiconductor DA9072 Datasheet HTML 9Page - Dialog Semiconductor DA9072 Datasheet HTML 10Page - Dialog Semiconductor DA9072 Datasheet HTML 11Page - Dialog Semiconductor DA9072 Datasheet HTML 12Page - Dialog Semiconductor DA9072 Datasheet HTML 13Page - Dialog Semiconductor DA9072 Datasheet HTML 14Page - Dialog Semiconductor DA9072 Datasheet HTML 15Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 113 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.0
14-Jun-2021
CFR0011-120-00
11 of 113
© 2021 Dialog Semiconductor
Pin #
Pin Name
Type
(Table 2)
Description
E6
VDD_LDO1
POWER
Input to Load Switch / LDO1. Bypass to ground with a
minimum 1 µF ceramic capacitor.
E7
VDD_LDO0
POWER
Input to Load Switch / LDO0. Bypass to ground with a
minimum 1 µF ceramic capacitor.
F1
NC
F5
VLDO2
POWER
Load Switch or LDO2 output. Bypass to ground with a
minimum 1 µF ceramic capacitor.
F6
VLDO1
POWER
Load Switch or LDO1 output. Bypass to ground with a
minimum 1 µF ceramic capacitor.
F7
VLDO0
POWER
Load Switch or LDO0 output. Bypass to ground with a
minimum 1 µF ceramic capacitor.
Table 2: Pin Type Definition
Pin Type
Description
Pin Type
Description
DI
Digital input
AI
Analog input
DOD
Digital output open drain
AO
Analog output
DIO
Digital input/output
PWR
Power
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com