Electronic Components Datasheet Search
  English  ▼

X  

DA9072 Datasheet(PDF) 66 Page - Dialog Semiconductor

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9072 Datasheet(HTML) 66 Page - Dialog Semiconductor

Back Button DA9072 Datasheet HTML 62Page - Dialog Semiconductor DA9072 Datasheet HTML 63Page - Dialog Semiconductor DA9072 Datasheet HTML 64Page - Dialog Semiconductor DA9072 Datasheet HTML 65Page - Dialog Semiconductor DA9072 Datasheet HTML 66Page - Dialog Semiconductor DA9072 Datasheet HTML 67Page - Dialog Semiconductor DA9072 Datasheet HTML 68Page - Dialog Semiconductor DA9072 Datasheet HTML 69Page - Dialog Semiconductor DA9072 Datasheet HTML 70Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 113 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.0
14-Jun-2021
CFR0011-120-00
66 of 113
© 2021 Dialog Semiconductor
Field Name
Bits
POR
Description
IMR_PWR_PLGGD
[7]
0x1
VDD_PWR insertion/removal power cycle IRQ mask
IMR_MODE_FALL
[6]
0x1
MODE pin falling edge IRQ mask
IMR_MODE_RISE
[5]
0x1
MODE pin rising edge IRQ mask
IMR_WD
[4]
0x1
Watchdog timer IRQ mask
IMR_OVT
[3]
0x1
Over-temperature IRQ mask
IMR_RIN_N_RST
[2]
0x1
RIN_N RESET timer IRQ mask
IMR_RIN_N_WAKE2
[1]
0x1
RIN_N WAKE2 timer IRQ mask
IMR_RIN_N_WAKE1
[0]
0x1
RIN_N WAKE1 timer IRQ mask
Table 57: Register SYS_SYS_0
Address
Register Name
POR Value
System configuration
0x000D
SYS_SYS_0
0x04
7
6
5
4
3
2
1
0
INIT_REGS
Reserved
Reserved
Reserved
Reserved
Reserved 1
HZ_MODE
EN_SHIPMODE
Field Name
Bits
POR
Description
INIT_REGS
[7]
0x0
Initialize register trigger
HZ_MODE
[1]
0x0
Hi-Z mode entry control. Automatically cleared when HZ mode exit
EN_SHIPMODE
[0]
0x0
Ship mode entry control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com