Electronic Components Datasheet Search
  English  ▼

X  

IMX6SDLCEC Datasheet(PDF) 153 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 153 Page - NXP Semiconductors

Back Button IMX6SDLCEC Datasheet HTML 149Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 150Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 151Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 152Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 153Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 154Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 155Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 156Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 157Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 169 page
background image
Package Information and Contact Assignments
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
NXP Semiconductors
153
SD4_CLK
E16
NVCC_NANDF
GPIO
ALT5
GPIO7_IO10
Input
100 k
Ω pull-up
SD4_CMD
B17
NVCC_NANDF
GPIO
ALT5
GPIO7_IO09
Input
100 k
Ω pull-up
SD4_DAT0
D18
NVCC_NANDF
GPIO
ALT5
GPIO2_IO08
Input
100 k
Ω pull-up
SD4_DAT1
B19
NVCC_NANDF
GPIO
ALT5
GPIO2_IO09
Input
100 k
Ω pull-up
SD4_DAT2
F17
NVCC_NANDF
GPIO
ALT5
GPIO2_IO10
Input
100 k
Ω pull-up
SD4_DAT3
A20
NVCC_NANDF
GPIO
ALT5
GPIO2_IO11
Input
100 k
Ω pull-up
SD4_DAT4
E18
NVCC_NANDF
GPIO
ALT5
GPIO2_IO12
Input
100 k
Ω pull-up
SD4_DAT5
C19
NVCC_NANDF
GPIO
ALT5
GPIO2_IO13
Input
100 k
Ω pull-up
SD4_DAT6
B20
NVCC_NANDF
GPIO
ALT5
GPIO2_IO14
Input
100 k
Ω pull-up
SD4_DAT7
D19
NVCC_NANDF
GPIO
ALT5
GPIO2_IO15
Input
100 k
Ω pull-up
TAMPER
E11
VDD_SNVS_IN
GPIO
ALT0
SNVS_TAMPER
Input
100 k
Ω pull-down
TEST_MODE
E12
VDD_SNVS_IN
GPIO
ALT0
TCU_TEST_MODE
Input
100 k
Ω pull-down
USB_H1_DN
F10
VDDUSB_CAP
—
—
USB_H1_DN
—
—
USB_H1_DP
E10
VDDUSB_CAP
—
—
USB_H1_DP
—
—
USB_OTG_CHD_B
B8
VDDUSB_CAP
—
—
USB_OTG_CHD_B
—
—
USB_OTG_DN
B6
VDDUSB_CAP
—
—
USB_OTG_DN
—
—
USB_OTG_DP
A6
VDDUSB_CAP
—
—
USB_OTG_DP
—
—
XTALI
A7
NVCC_PLL_OUT
—
—
XTALI
—
—
XTALO
B7
NVCC_PLL_OUT
—
—
XTALO
—
—
1 The state immediately after reset and before ROM firmware or software has executed.
2 Variance of the pull-up and pull-down strengths are shown in the tables as follows:
• Table 23, "GPIO DC Parameters," on page 40
• Table 24, "LPDDR2 I/O DC Electrical Parameters," on page 41
• Table 25, "DDR3/DDR3L I/O DC Electrical Characteristics," on page 42
3 ENET_REF_CLK is used as a clock source for MII and RGMII modes only. RGMII mode uses either GPIO_16 or
RGMII_TX_CTL as a clock source. For more information on these clocks, see the device Reference Manual and the Hardware
Development Guide for i.MX 6Quad, 6Dual, 6DualLite, 6Solo Families of Applications Processors (IMX6DQ6SDLHDG).
Table 98. Signals with Differing Before Reset and After Reset States
Ball Name
Before Reset State
Input/Output
Value
EIM_A16
Input
PD (100K)
EIM_A17
Input
PD (100K)
EIM_A18
Input
PD (100K)
EIM_A19
Input
PD (100K)
Table 97. 21 x 21 mm Functional Contact Assignments (continued)
Ball Name
Ball
Power Group
Ball Type
Out of Reset Condition1
Default
Mode
(Reset
Mode)
Default Function
Input/
Output
Value2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com