Electronic Components Datasheet Search
  English  ▼

X  

IMX6SDLCEC Datasheet(PDF) 163 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 163 Page - NXP Semiconductors

Back Button IMX6SDLCEC Datasheet HTML 159Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 160Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 161Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 162Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 163Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 164Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 165Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 166Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 167Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 169 page
background image
Revision History
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
NXP Semiconductors
163
7
Revision History
Table 101 provides the current revision history for this data sheet. Table 102 provides a revision history for
previous revisions.
Table 101. i.MX 6Solo/6DualLite Data Sheet Document Rev. 9 History
Rev.
Number
Date
Substantive Changes
9
10/2018 Changes to Revision 9 include the following:
• Table 3, "Special Signal Considerations," on page 21: Corrected,
– Row: NC, from “These signals are No Connected …” to read, “These signals are not functional and
must remain unconnected by the user.”
• Table 8, "Operating Ranges," on page 26: Corrected footnote 6:
– Changed from: “When VDD_SOC_IN does not supply… then maximum setting can be 1.3V.”
– Changed to: “When using VDD_SOC_CAP to supply the PCIE_VP and PCIE_VPTX, the maximum
setting is 1.175V. …”
• Table 53, "eMMC4.4/4.41 Interface Timing Specification," on page 80,
– Row: SD2, uSDHC Output Delay: Changed tOD from 2.5ns minimum to 2.8ns and 7.1ns maximum to
6.8ns.
• Table 96, "21 x 21 mm Supplies Contact Assignments," on page 140: Corrected,
– Last row: NC, from “—” to read, These signals are not functional and must remain unconnected by the
user.
8
09/2017 • Replaced ipp_dse with DSE throughout.
• Section 1, “Introduction: Replaced text “low voltage DDR3” with “DDR3L” in the features list of i.MX
6Solo/6DualLite applications processors.
• Table 1, "Example Orderable Part Numbers," on page 3: Added orderable part numbers.
• Figure 1: Updated to include Rev 1.4 in Silicon Revision section.
• Section 2.1, “Block Diagram: Updated WEIM with EIM in the block diagram.
• Table 2, "i.MX 6Solo/6DualLite Modules List," on page 11: Rearranged alphabetically.
• Table 6, "Absolute Maximum Ratings," on page 24:
– Removed VDD_HIGH_IN supply voltage (LDO bypass) parameter.
– Max. value of VDD_HIGH_CAP supply output voltage corrected to 2.85V.
• Table 22: Updated test condition of “
XTALI input leakage current at startup” parameter; replaced 32KHz RTC
with 24MHz.
• Added Section 4.6.4, “RGMII I/O 2.5V I/O DC Electrical Parameters.
• Section 4.8.2, “DDR I/O Output Buffer Impedance: Modified introductory text.
• Corrected Figure 22, "Asynchronous A/D Muxed Write Access," on page 60.
• Table 53, "eMMC4.4/4.41 Interface Timing Specification," on page 80:
– Added the following footnote to Card Input Clock section: 1 Clock duty cycle will be in the range of 47% to
53%.
– Min. value of uSDHC Input Setup Time reduced to 1.7ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com