Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC591 Datasheet(PDF) 57 Page - Analog Devices

Part # ADSP-SC591
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC591 Datasheet(HTML) 57 Page - Analog Devices

Back Button ADSP-SC591 Datasheet HTML 53Page - Analog Devices ADSP-SC591 Datasheet HTML 54Page - Analog Devices ADSP-SC591 Datasheet HTML 55Page - Analog Devices ADSP-SC591 Datasheet HTML 56Page - Analog Devices ADSP-SC591 Datasheet HTML 57Page - Analog Devices ADSP-SC591 Datasheet HTML 58Page - Analog Devices ADSP-SC591 Datasheet HTML 59Page - Analog Devices ADSP-SC591 Datasheet HTML 60Page - Analog Devices ADSP-SC591 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 143 page
background image
Rev. PrD
|
Page 57 of 143
|
May 2021
ADSP-21591/21593/21594/ADSP-SC591/SC592/SC594
Preliminary Technical Data
HADC0_VIN6
a
NA
None
None
None
VDD_ANA Desc: HADC0 Analog Input 6
Notes: Connect to GND if not used
HADC0_VIN7
a
NA
None
None
None
VDD_ANA Desc: HADC0 Analog Input 7
Notes: Connect to GND if not used
HADC0_VREFN
s
NA
None
None
None
VDD_ANA Desc: HADC0 Ground Reference for ADC
Notes: Connect to GND if HADC and TMU are
not used
HADC0_VREFP
s
NA
None
None
None
VDD_ANA Desc: HADC0 External Reference for ADC
Notes: Connect to VDD_REF if HADC and
TMU are not used
JTG_TCK
Input
Pull-up
Pull-up
None
VDD_EXT
Desc: JTAG Clock
Notes: No notes
JTG_TDI
Input
Pull-up
Pull-up
None
VDD_EXT
Desc: JTAG Serial Data In
Notes: No notes
JTG_TDO
Output A
None
High-Z when
JTG_TRST is
low, not
affected by
SYS_HWRST
None
VDD_EXT
Desc: JTAG Serial Data Out
Notes: No notes
JTG_TMS
InOut
A
Pull-up
Pull-up
None
VDD_EXT
Desc: JTAG Mode Select
Notes: No notes
JTG_TRST
Input
Pull-down
Pull-down
None
VDD_EXT
Desc: JTAG Reset
Notes: No notes
MLB0_CLKN
Input
N/A
Internal logic
ensures that input
signal does not float
None
None
VDD_REF
Desc: MLB0 Differential Clock (–)
Notes: No notes
MLB0_CLKP
Input
N/A
Internal logic
ensures that input
signal does not float
None
None
VDD_REF
Desc: MLB0 Differential Clock (+)
Notes: No notes
MLB0_DATN
InOut
I
Internal logic
ensures that input
signal does not float
None
None
VDD_REF
Desc: MLB0 Differential Data (–)
Notes: No notes
MLB0_DATP
InOut
I
Internal logic
ensures that input
signal does not float
None
None
VDD_REF
Desc: MLB0 Differential Data (+)
Notes: No notes
MLB0_SIGN
InOut
I
Internal logic
ensures that input
signal does not float
None
None
VDD_REF
Desc: MLB0 Differential Signal (–)
Notes: No notes
MLB0_SIGP
InOut
I
Internal logic
ensures that input
signal does not float
None
None
VDD_REF
Desc: MLB0 Differential Signal (+)
Notes: No notes
PA_00
InOut
A
Programmable
pull-up/pull-down1
None
None
VDD_EXT
Desc: PORTA Position 0 | OSPI0 MISO | SPI2
MISO
Notes: See note2
PA_01
InOut
A
Programmable
pull-up/pull-down1
None
None
VDD_EXT
Desc: PORTA Position1 | OSPI0 MOSI | SPI2
MOSI
Notes: See note2
PA_02
InOut
A
Programmable
pull-up/pull-down1
None
None
VDD_EXT
Desc: PORTA Position 2 | OSPI0 D2 | SPI2 D2 |
TWI3 Clock | TIMER0 Timer Alternate Clock 3
Notes: See note2
Table 25. ADSP-2159x/ADSP-SC59x Designer Quick Reference (Continued)
Signal Name
Type
Driver
Type
Internal
Termination
Reset
Termination
Reset
Drive
Power
Domain
Description and Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com