| Electronic Components Datasheet Search |
|
ADSP-SC591 Datasheet(PDF) 9 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC591 Datasheet(HTML) 9 Page - Analog Devices |
|
9 / 143 page ![]() Rev. PrD | Page 9 of 143 | May 2021 ADSP-21591/21593/21594/ADSP-SC591/SC592/SC594 Preliminary Technical Data The system configuration is flexible, but a typical configuration is 512 kb DM, 128 kb PM, and 128 kb of instruction cache, with the remaining L1 memory configured as SRAM. Each address- able memory space outside the L1 memory can be accessed either directly or via cache. The memory map in Table 2 gives the L1 memory address space and shows multiple L1 memory blocks offering a configurable mix of SRAM and cache. L1 Requester and Completer Ports Each SHARC+ core has two requester/completer ports to and from the system fabric. One requester port fetches instructions. The second requester port drives data to the system world. Completer Port 1 together with Completer Port 2 memory direct memory access (high speed MDMA and accelerators) run conflict free access to the individual memory blocks. For the completer port address, refer to the L1 memory address map in Table 2. L1 On-Chip Memory Bandwidth The internal memory architecture allows programs to have four accesses at the same time to any of the four blocks, assuming no block conflicts. The total bandwidth is realized using both the DMD and PMD buses (2 × 64-bits CCLK speed and 2 × 32-bit SYSCLK speed). Instruction and Data Cache The ADSP-2159x/ADSP-SC59x processors also include a traditional instruction cache (I-cache) and two data caches (D-caches, one each for PM/DM) with parity support for all caches. These caches support one instruction access and two data accesses over the DM and PM buses per CCLK cycle. The cache controllers automatically manage the configured L1 memory. The system can configure part of the L1 memory for automatic management by the cache controllers. The sizes of these caches are independently configurable from 0 to 128 kB each. The memory not managed by the cache controllers is directly addressable by the processors. The controllers ensure the data coherence between the two data caches. The caches provide user controllable features such as full and partial lock- ing, range bound invalidation, and flushing. Core Memory-Mapped Registers (CMMR) The core memory-mapped registers (CMMR) control the L1 instruction and data cache, branch target buffer (BTB), L2 cache, parity error, system control, debug, and monitor functions. SHARC+ CORE ARCHITECTURE The ADSP-2159x/ADSP-SC59x processors are assembly code compatible with all previous SHARC processors featuring the SHARC or SHARC+ core, beginning with the first generation ADSP-2106x SHARC processors and including the ADSP- 2116x, ADSP-2126x, ADSP-213xx, ADSP-214xx, and ADSP- SC5xx/ADSP-215xx processors. The SIMD architecture featured on the ADSP-2159x/ADSP- SC59x processors is identical to all previous SIMD SHARC pro- cessors, namely the ADSP-2116x, ADSP-2126x, ADSP-213xx, ADSP-214xx, and ADSP-SC5xx/ADSP-215xx processors, as shown in Figure 4 and as described in the following sections. Single-Instruction, Multiple Data (SIMD) Computational Engine The SHARC+ core contains two computational processing ele- ments that operate as a single-instruction, multiple data (SIMD) engine. The processing elements are referred to as PEx and PEy, each containing an arithmetic logic unit (ALU), multiplier, shifter, and register file. PEx is always active, and PEy is enabled by set- ting the PEYEN mode bit in the mode control register (MODE1). Figure 5. ADSP-2159x/ADSP-SC59x Memory Map RESERVED RESERVED 0x FFFF FFFF 0x C000 0000 0x 8000 0000 0x 6000 0000 0x 5000 0000 0x 4C00 0000 0x 4800 0000 0x 4400 0000 0x 4000 0000 0x 3000 0000 0x 2840 0000 0x 2824 0000 0x 2023 0000 0x 2020 0000 DMC0 (1GB) SPI2/OSPI0 FLASH ADDRESS SPACE (512MB) SYSTEM MMR SHARC2 L1 ADDRESS SPACE VIA COMPLETER PORT 1/COMPLETER PORT 2 SHARC1 L1 ADDRESS SPACE VIA COMPLETER PORT 1/COMPLETER PORT 2 RESERVED L2 SRAM (16Mb) RESERVED RESERVED L2 BOOT ROM 1 (0.5Mb) L2 BOOT ROM 0 (0.5Mb) (ARM BOOT ALIAS ADDRESS SPACE) L2 BOOT ROM 2 (0.5Mb) 0x 2022 0000 0x 2021 0000 0x 2000 0000 0x 0039 FFFF 0x 0038 0000 0x 0031 FFFF 0x 0030 0000 0x 002E FFFF 0x 002C 0000 0x 0026 FFFF 0x 0024 0000 0x 0000 0000 RESERVED L1 BLOCK 3 SRAM (1Mb) RESERVED RESERVED RESERVED L1 BLOCK 2 SRAM (1Mb) L1 BLOCK 1 SRAM (1.5Mb) L1 BLOCK 0 SRAM (1.5Mb) RESERVED/CORE MMRs/ OTHER MEMORY ALIASES RESERVED ARM L2 CONFIG REGS (4KB) RESERVED ARM BOOT (64KB) 0x 2000 0000 0x 1000 1000 0x 1000 0000 0x 0000 FFFF 0x 0000 0000 0x 28BA 0000 0x 28A4 0000 ** **FOR THE ADSP-21591,THE 1MB (8Mb) L2 SRAM RANGE IS 0x20100000–0x201FFFFF. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |