| Electronic Components Datasheet Search |
|
ADSP-SC591 Datasheet(PDF) 10 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC591 Datasheet(HTML) 10 Page - Analog Devices |
|
10 / 143 page ![]() Rev. PrD | Page 10 of 143 | May 2021 ADSP-21591/21593/21594/ADSP-SC591/SC592/SC594 Preliminary Technical Data SIMD mode allows the processors to execute the same instruc- tion in both processing elements, but each processing element operates on different data. This architecture efficiently executes math intensive DSP algorithms. In addition to all the features of previous generation SHARC cores, the SHARC+ core also pro- vides a new and simpler way to execute an instruction only on the PEy data register. SIMD mode doubles the bandwidth between memory and the processing elements, as required for sustained computational operation of two processing elements. When using the data address generators (DAGs) to transfer data in SIMD mode, two data values transfer with each memory or register file access. Independent Parallel Computation Units Within each processing element is a set of pipelined computa- tional units. The computational units consist of a multiplier, an ALU, and a shifter. These units are arranged in parallel, maxi- mizing computational throughput. These computational units support IEEE 32-bit single-precision floating-point; 40-bit extended-precision floating-point; IEEE 64-bit double-preci- sion floating-point; and 32-bit fixed-point data formats. A multifunction instruction set supports parallel execution of the ALU and multiplier operations. In SIMD mode, the parallel ALU and multiplier operations occur in both processing ele- ments per core. All processing operations take one cycle to complete. For all floating-point operations, the processor takes two cycles to complete in case of data dependency. Double-precision float- ing-point data take two to six cycles to complete. The processor stalls for the appropriate number of cycles for an interlocked pipeline plus data dependency check. Core Timer Each SHARC+ processor core includes an extra timer. This extra timer is clocked by the internal processor clock and is typ- ically used as a system tick clock for generating periodic operating system interrupts. Data Register File Each processing element contains a general-purpose data regis- ter file. The register files transfer data between the computation units and the data buses, and store intermediate results. These 10-port, 32-register register files (16 primary, 16 secondary), combined with the enhanced Harvard architecture of the pro- cessor, allow unconstrained data flow between computation units and internal memory. The registers in the PEx data regis- ter file are referred to as R0–R15 and in the PEy data register file as S0–S15. Context Switch Many of the registers of the processor have secondary registers that can activate during interrupt servicing for a fast context switch. The data, DAG, and multiplier result registers have sec- ondary registers. The primary registers are active at reset, whereas control bits in MODE1 activate the secondary registers. Universal Registers General-purpose tasks use the universal registers. The four uni- versal status (USTAT) registers allow easy bit manipulations (set, clear, toggle, test, XOR) for all control and status peripheral registers. The data bus exchange register (PX) permits data to pass between the 64-bit PM data bus and the 64-bit DM data bus or between the 40-bit register file and the PM or DM data bus. These registers contain hardware to handle the data width difference. Data Address Generators (DAG) With Zero Overhead Hardware Circular Buffer Support For indirect addressing and implementing circular data buffers in hardware, the ADSP-2159x/ADSP-SC59x processors use two data address generators (DAGs). Circular buffers allow efficient programming of delay lines and other data structures required in digital signal processing and are commonly used in digital fil- ters and fast Fourier transforms (FFT). The DAGs contain sufficient registers to allow the creation of up to 32 circular buf- fers (16 primary register sets and 16 secondary sets). The DAGs automatically handle address pointer wraparound, reduce over- head, increase performance, and simplify implementation. Circular buffers can start and end at any memory location. Flexible Instruction Set Architecture (ISA) The flexible instruction set architecture (ISA), a 48-bit instruc- tion word, accommodates various parallel operations for concise programming. For example, the processors can condi- tionally execute a multiply, an add, and a subtract in both processing elements while branching and fetching up to four 32-bit values from memory—all in a single instruction. Addi- tionally, the double-precision floating-point instruction set is new to the SHARC+ core, as compared with the previous SHARC core. Variable Instruction Set Architecture (VISA) In addition to supporting the standard 48-bit instructions from previous SHARC core processors, the SHARC+ core processors support 16-bit and 32-bit opcodes for many instructions, for- merly 48-bit in the ISA. This variable instruction set architecture (VISA) feature drops redundant or unused bits within the 48-bit instruction to create more efficient and com- pact code. The program sequencer supports fetching these 16-bit and 32-bit instructions from both internal and external memories. VISA is not an operating mode; rather, it is address dependent (refer to the ISA/VISA address spaces in Table 5). Finally, the processor allows jumps between ISA and VISA instruction fetches. Single-Cycle Fetch of Instructional Four Operands The ADSP-2159x/ADSP-SC59x processors feature an enhanced Harvard architecture in which the DM bus transfers data and the PM bus transfers both instructions and data. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |