Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC591 Datasheet(PDF) 12 Page - Analog Devices

Part # ADSP-SC591
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC591 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADSP-SC591 Datasheet HTML 8Page - Analog Devices ADSP-SC591 Datasheet HTML 9Page - Analog Devices ADSP-SC591 Datasheet HTML 10Page - Analog Devices ADSP-SC591 Datasheet HTML 11Page - Analog Devices ADSP-SC591 Datasheet HTML 12Page - Analog Devices ADSP-SC591 Datasheet HTML 13Page - Analog Devices ADSP-SC591 Datasheet HTML 14Page - Analog Devices ADSP-SC591 Datasheet HTML 15Page - Analog Devices ADSP-SC591 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 143 page
background image
Rev. PrD
|
Page 12 of 143
|
May 2021
ADSP-21591/21593/21594/ADSP-SC591/SC592/SC594 Preliminary Technical Data
SYSTEM MEMORY MAP
Table 2. L1 Block 0, Block 1, Block 2, and Block 3 SHARC+
® Addressing Memory Map (Private Address Space)
Memory
Long Word (64 Bits)
Extended Precision/
ISA Code (48 Bits)
Normal Word (32 Bits)
Short Word/
VISA Code (16 Bits)
Byte Access (8 Bits)
L1 Block 0 SRAM
(192 KB)
0x00048000–
0x0004DFFF
0x00090000–
0x00097FFF
0x00090000–
0x0009BFFF
0x00120000–
0x00137FFF
0x00240000–
0x0026FFFF
L1 Block 1 SRAM
(192 KB)
0x00058000–
0x0005DFFF
0x000B0000–
0x000B7FFF
0x000B0000–
0x000BBFFF
0x00160000–
0x00177FFF
0x002C0000–
0x002EFFFF
L1 Block 2 SRAM
(128 KB)
0x00060000–
0x00063FFF
0x000C0000–
0x000C5554
0x000C0000–
0x000C7FFF
0x00180000–
0x0018FFFF
0x00300000–
0x0031FFFF
L1 Block 3 SRAM
(128 KB)
0x00070000–
0x00073FFF
0x000E0000–
0x000E5554
0x000E0000–
0x000E7FFF
0x001C0000–
0x001CFFFF
0x00380000–
0x0039FFFF
Table 3. L2 Memory Addressing Map
Memory
Byte Address Space
Arm Cortex-A5: Data Access
and Instruction Fetch
SHARC+: Data Access
Normal Word Address Space
SHARC+ Data Access
VISA Address Space
SHARC+ Instruction Fetch
ISA Address Space
SHARC+ Instruction Fetch
L2 Boot ROM01
1 For ADSP-SC59x products, the L2 Boot ROM0 byte address space is 0x00000000–0x0000FFFF.
Arm:
0x00000000–0x0000FFFF
0x08080000–0x08083FFF
0x00C20000–0x00C27FFF
0x00520000–0x00522AA9
SHARC+/DMA:
0x20200000–0x2020FFFF
L2 RAM (2 MB)2
2 All L2 RAM blocks are subdivided into 256 KB banks. All models feature 2 MB of L2 SRAM (8 banks) except for the ADSP-21591/ADSP-SC591 models, which feature 1 MB
(4 banks). See Planned Automotive Production Products, Planned Production Products, and Pre Release Products.
0x20000000–0x201FFFFF
0x08000000–0x0807FFFF
0x00B00000–0x00BFFFFF
0x00580000–0x005D5554
L2 RAM (1 MB)2 0x20100000–0x201FFFFF
0x08040000–0x0807FFFF
0x00B80000–0x00BFFFFF
0x005AAAAB–0x005D5554
L2 Boot ROM1
0x20210000–0x2021FFFF
0x08084000–0x08087FFF
0x00C00000–0x00C07FFF
0x00500000–0x00502AA9
L2 Boot ROM2
0x20220000–0x2022FFFF
0x08088000–0x0808BFFF
0x00C40000–0x00C47FFF
0x00540000–0x00542AA9
Table 4. SHARC+® L1 Memory in Multiprocessor Space
Memory
Block
Byte Address Space
Arm Cortex-A5 and SHARC+
Normal Word Address Space
SHARC+
L1 memory of SHARC1 in
multiprocessor space
Address via
Completer 1 Port Block 0
0x28240000–0x2826FFFF
0x0A090000–0x0A09BFFF
Block 1
0x282C0000–0x282EFFFF
0x0A0B0000–0x0A0BBFFF
Block 2
0x28300000–0x2831FFFF
0x0A0C0000–0x0A0C7FFF
Block 3
0x28380000–0x2839FFFF
0x0A0E0000–0x0A0E7FFF
L1 memory of SHARC2 in
multiprocessor space
Address via
Completer 1 Port Block 0
0x28A40000–0x28A6FFFF
0x0A290000–0x0A29BFFF
Block 1
0x28AC0000–0x28AEFFFF
0x0A2B0000–0x0A2BBFFF
Block 2
0x28B00000–0x28B1FFFF
0x0A2C0000–0x0A2C7FFF
Block 3
0x28B80000–0x28B9FFFF
0x0A2E0000–0x0A2E7FFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com