Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC591 Datasheet(PDF) 6 Page - Analog Devices

Part # ADSP-SC591
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC591 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADSP-SC591 Datasheet HTML 2Page - Analog Devices ADSP-SC591 Datasheet HTML 3Page - Analog Devices ADSP-SC591 Datasheet HTML 4Page - Analog Devices ADSP-SC591 Datasheet HTML 5Page - Analog Devices ADSP-SC591 Datasheet HTML 6Page - Analog Devices ADSP-SC591 Datasheet HTML 7Page - Analog Devices ADSP-SC591 Datasheet HTML 8Page - Analog Devices ADSP-SC591 Datasheet HTML 9Page - Analog Devices ADSP-SC591 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 143 page
background image
Rev. PrD
|
Page 6 of 143
|
May 2021
ADSP-21591/21593/21594/ADSP-SC591/SC592/SC594 Preliminary Technical Data
ARM CORTEX-A5 PROCESSOR
The Arm Cortex-A5 processor (see Figure 2) is a high perfor-
mance processor with the following features:
• Instruction cache unit (32 kB) and data Level 1 (L1) cache
unit (32 kB)
• In order pipeline with dynamic branch prediction
•Arm, Thumb®, and ThumbEE instruction set support
•Arm TrustZone® security extensions
• Harvard L1 memory system with a memory management
unit (MMU)
•Arm v7
TM debug architecture
• Trace support through an embedded trace macrocell
(ETM) interface
• Extension—vector floating-point unit (IEEE754) with
trapless execution
• Extension—media processing engine (MPE) with NEON
TM
technology
• Extension—Jazelle
® hardware acceleration
Figure 2. Arm Cortex-A5 Processor Block Diagram
DATA STORE
BUFFER (STB)
PREFETCH UNIT AND BRANCH PREDICTOR (PFU)
DATA PROCESSING UNIT (DPU)
DATA MICRO-TLB
INSTRUCTION MICRO-TLB
DEBUG
DATA CACHE
UNIT (DCU)
MAIN TRANSMISSION
LOOKINSIDE BUFFER (TLB)
INSTRUCTION CACHE
UNIT (ICU)
Arm® Cortex®-A5
PROCESSOR
EMBEDDED TRACE MACROCELL
(ETM) INTERFACE
L2 CACHE
CONTROLLER
(CoreLinkTM PL-310)
256 kB
SYSTEM FABRIC
TO OTHER CORES
Arm® Cortex®-A5 BUS REQUESTER PORT
CoreSight INTERFACE
CP15
NEON MEDIA
PROCESSING
ENGINE
32 kB
32 kB
GENERIC INTERRUPT
CONTROLLER
(PrimeCell® PL-390)
TM
DATA REQUESTER PORTS
SHARC PROCESSORS
TM
BUS INTERFACE UNIT (BIU)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com