Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC591 Datasheet(PDF) 76 Page - Analog Devices

Part # ADSP-SC591
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC591 Datasheet(HTML) 76 Page - Analog Devices

Back Button ADSP-SC591 Datasheet HTML 72Page - Analog Devices ADSP-SC591 Datasheet HTML 73Page - Analog Devices ADSP-SC591 Datasheet HTML 74Page - Analog Devices ADSP-SC591 Datasheet HTML 75Page - Analog Devices ADSP-SC591 Datasheet HTML 76Page - Analog Devices ADSP-SC591 Datasheet HTML 77Page - Analog Devices ADSP-SC591 Datasheet HTML 78Page - Analog Devices ADSP-SC591 Datasheet HTML 79Page - Analog Devices ADSP-SC591 Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 143 page
background image
Rev. PrD
|
Page 76 of 143
|
May 2021
ADSP-21591/21593/21594/ADSP-SC591/SC592/SC594 Preliminary Technical Data
TMU
TMU Characteristics
ABSOLUTE MAXIMUM RATINGS
Stresses at or above those listed in Table 36 may cause perma-
nent damage to the product. This is a stress rating only;
functional operation of the product at these or any other condi-
tions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum
operating conditions for extended periods may affect product
reliability.
ESD CAUTION
Table 34. TMU Characteristics
Parameter
Typ
Unit
Resolution
TBD
°C
Accuracy
TBD
°C
Table 35. TMU Gain and Offset
Junction Temperature Range TMU_GAIN
TMU_OFFSET
TBD
Contact Analog Devices, Inc.
Table 36. Absolute Maximum Ratings
Parameter
Rating
Internal (Core) Supply Voltage
(VDD_INT)
–0.3 V to +1.05 V
External (I/O) Supply Voltage
(VDD_EXT)
–0.3 V to +3.47 V
External (I/O) Reference Supply
Voltage (VDD_REF)
–0.3 V to +1.89 V
(VDD_EXT – VDD_REF) and
(VDD_EXT – VDD_ANA) (VDELTA_EXT_REF)
–1.89 V to +1.89 V
DDR3 Controller Supply Voltage
(VDD_DMC)
–0.3 V to +1.60 V
Analog Supply Voltage (VDD_ANA)
–0.3 V to +1.89 V
HADC Reference Voltage (VHADC_REF) –0.3 V to +1.89 V
DDR3 Input Voltage1
1 Applies only when the related power supply (VDD_DMC or VDD_EXT) is within
specification. When the power supply is below specification, the range is the
voltage being applied to that power domain ± 0.2 V.
–0.3 V to +1.60 V
Digital Input Voltage1, 2
2 Applies to 100% transient duty cycle.
–0.3 V to +3.47 V
TWI Input Voltage1, 3
3 Applies to TWI_SCL and TWI_SDA.
–0.3 V to +3.47 V
Output Voltage Swing
–0.3 V to VDD_EXT +0.5 V
Analog Input Voltage4
4 Applies only when VDD_ANA is within specifications and ≤ 1.8 V. When VDD_ANA
is within specifications and > 1.8 V, the maximum rating is 1.89 V. When
VDD_ANA is below specifications, the range is VDD_ANA ± 0.09 V.
–0.2 V to VDD_ANA +0.09 V
IOH/IOL Current per Signal
2
6 mA (maximum)
Storage Temperature Range
–65
C to +150C
Junction Temperature While Biased
125
C
Table 37. Maximum Duty Cycle for Input Transient Voltage
for VDD_INT and VDD_EXT
VDD_INT (V)
1
VDD_EXT (V)
1
Maximum Duty Cycle2
1.120
5%
1.103
10%
1.086
20%
1.077
30%
1.065
50%
1.056
75%
1.050
3.470
100%
1 The individual values cannot be combined for analysis of a single instance of
overshoot or undershoot. The worst case observed value must fall within one of
the voltages specified and the total duration of the overshoot or undershoot
(exceeding the 100% case) must be less than or equal to the corresponding duty
cycle.
2 Duty cycle refers to the percentage of time the signal exceeds the value for the
100% case. This is equivalent to the measured duration of a single instance of
overshoot or undershoot as a percentage of the period of occurrence.
Table 38. Maximum Duty Cycle for Input Transient Voltage
3.3 V VIN Max (V)
1 1.8 V VIN Max (V)1 Maximum Duty Cycle2
3.47
1.89
100%
1 The individual values cannot be combined for analysis of a single instance of
overshoot or undershoot. The worst case observed value must fall within one of
the voltages specified and the total duration of the overshoot or undershoot
(exceeding the 100% case) must be less than or equal to the corresponding duty
cycle.
2 Duty cycle refers to the percentage of time the signal exceeds the value for the
100% case. This is equivalent to the measured duration of a single instance of
overshoot or undershoot as a percentage of the period of occurrence.
ESD (electrostatic discharge) sensitive device.
Charged devices and circuit boards can discharge
without detection. Although this product features
patented or proprietary protection circuitry, damage
may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to
avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com