Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC591 Datasheet(PDF) 1 Page - Analog Devices

Part # ADSP-SC591
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC591 Datasheet(HTML) 1 Page - Analog Devices

  ADSP-SC591 Datasheet HTML 1Page - Analog Devices ADSP-SC591 Datasheet HTML 2Page - Analog Devices ADSP-SC591 Datasheet HTML 3Page - Analog Devices ADSP-SC591 Datasheet HTML 4Page - Analog Devices ADSP-SC591 Datasheet HTML 5Page - Analog Devices ADSP-SC591 Datasheet HTML 6Page - Analog Devices ADSP-SC591 Datasheet HTML 7Page - Analog Devices ADSP-SC591 Datasheet HTML 8Page - Analog Devices ADSP-SC591 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 143 page
background image
SHARC, SHARC+, and the SHARC logo are registered trademarks of Analog Devices, Inc.
Preliminary Technical Data
SHARC+ Dual-Core
DSP with Arm Cortex-A5
ADSP-21591/21593/21594/ADSP-SC591/SC592/SC594
Rev. PrD
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106 U.S.A.
Tel: 781.329.4700
©2021 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
SYSTEM FEATURES
Dual-enhanced SHARC+ floating-point cores
High performance SHARC+ cores (up to 1 GHz each)
Up to 5 Mb (640 kB) L1 SRAM memory per core with parity
(optional ability to configure as cache)
32-bit, 40-bit, and 64-bit floating-point support
32-bit fixed-point support
Byte, short word, word, and long word addressability
Arm Cortex-A5 core
Up to 1 GHz/1600 DMIPS with NEON/VFPv4-D16
32 kB L1 instruction and data caches with parity
256 kB L2 cache with parity
Powerful DMA system with 8 MemDMAs
On-chip memory protection
Integrated safety features
17 mm × 17 mm, 400-ball BGA_ED (0.8 mm pitch),
RoHS compliant
MEMORY
Large on-chip Level 2 (L2) SRAM with ECC protection, up to
2MB
One Level 3 (L3) interface providing 16-bit interface to
DDR3/ DDR3L SDRAM devices
ADDITIONAL FEATURES
ADSP-2156x pin-compatible package options
Enhanced FIR and IIR accelerators running up to 1 GHz
Security and protection
Cryptographic hardware accelerators
Fast secure boot with IP protection
Support for Arm TrustZone
APPLICATIONS
Automotive: audio amplifier, head unit, ANC/RNC, rear seat
entertainment, digital cockpit, ADAS
Consumer: AVRs, mixing consoles, microphone arrays,
conferencing systems
Figure 1. ADSP-SC594 (Full-Featured Model) Processor Block Diagram
PERIPHERALS
SYSTEM
L2 MEMORY
L3 MEMORY
INTERFACE
DDR3/DDR3L
DATA
16
SYSTEM CROSSBAR AND DMA SUBSYSTEM
SRAM
(ECC)
SYSTEM CONTROL
SYSTEM PROTECTION UNIT (SPU)
SECURITY AND PROTECTION
Arm® TrustZone® SECURITY
DUAL CRC (WITH MemDMA)
WATCHDOGS
THERMAL MONITOR UNIT (TMU)
OTP MEMORY
SYSTEM MEMORY
PROTECTION UNIT (SMPU)
L1 SRAM (PARITY)
5 Mb (640 kB)
SRAM/CACHE
CORE 1
S
(UP TO 1 GHz)
BOOT ROM
UP TO
40
CLOCK GENERATION UNIT (CGU)
CLOCK, RESET, AND POWER
RESET CONTROL UNIT (RCU)
Arm® CoreSight
TM
DEBUG UNIT
CLOCK DISTRIBUTION
UNIT (CDU)
DYNAMIC POWER MANAGEMENT
(DPM)
SYSTEM WATCHPOINT UNIT
(SWU)
TRIGGER ROUTING (TRU)
SYS EVENT CORE 0 (GIC)
PROGRAM FLOW
SYS EVENT CORES 1-2 (SEC)
32 kB L1 I-CACHE
32 kB L1 D-CACHE
L1 CACHE (PARITY)
L2 CACHE
256 kB (PARITY)
CORE 0
(UP TO 1 GHz)
Arm
Cortex-A5
L1 SRAM (PARITY)
5 Mb (640 kB)
SRAM/CACHE
CORE 2
ENCRYPTION/DECRYPTION
FAULT MANAGEMENT UNIT (FMU)
FIR
(UP TO
1 GHz)
4× IIR
(UP TO
1 GHz)
ACCELERATORS
FIR
(UP TO
1 GHz)
4× IIR
(UP TO
1 GHz)
ACCELERATORS
®
®
S
(UP TO 1 GHz)
G
P
I
O
UP TO
135
2× LINK PORTS
4× UARTs
16× TIMERS + 1× COUNTER
1× EPPI
2× CAN FD
MLB 6-PIN
2× EMAC
32x CORE FLAGS I/O
2× SPI + 2× QUAD SPI +
1× OCTAL SPI
6× I
2C
1× USB 2.0 HS OTG
CONTROLLER
MLB 3-PIN
HADC (8-CHANNEL, 12-BIT)
UP TO
8
6
UP TO 2 MB
ASRC
8× PAIRS
2× S/PDIF Rx/Tx
8× PRECISION CLOCK
GENERATORS
FULL SPORT
0-7
2× 4-CHANNEL
PDM MIC INPUT
SRU
DAI0
DAI1
DRU


Similar Part No. - ADSP-SC591

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-SC591 AD-ADSP-SC591 Datasheet
3Mb / 145P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A
ADSP-SC591BBPZ6 AD-ADSP-SC591BBPZ6 Datasheet
3Mb / 145P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A
ADSP-SC591BBPZ8 AD-ADSP-SC591BBPZ8 Datasheet
3Mb / 145P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A
ADSP-SC591KBPZ6 AD-ADSP-SC591KBPZ6 Datasheet
3Mb / 145P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A
ADSP-SC591KBPZ8 AD-ADSP-SC591KBPZ8 Datasheet
3Mb / 145P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A
More results

Similar Description - ADSP-SC591

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A10S ETC2-A10S Datasheet
1Mb / 82P
ARM Cortex-A8 Core
A13 ETC2-A13 Datasheet
1Mb / 55P
ARM Cortex A8 Core
logo
Analog Devices
ADSP-SC582 AD-ADSP-SC582 Datasheet
3Mb / 168P
SHARC plus Dual Core DSP with ARM Cortex-A5
Rev. PrF
logo
NXP Semiconductors
SAC57D54H NXP-SAC57D54H Datasheet
1Mb / 77P
ARM??Cortex-A5, 32-bit CPU
Rev. 7, 05/2017
logo
Analog Devices
ADSP-SC570 AD-ADSP-SC570 Datasheet
3Mb / 142P
SHARC Dual-Core DSP with ARM Cortex-A5
6/2018-Rev. A to Rev. B
logo
List of Unclassifed Man...
DE10-NANO ETC-DE10-NANO Datasheet
7Mb / 118P
Cyclone V SoC with Dual-core ARM Cortex-A9
logo
Analog Devices
ADSP-SC582 AD-ADSP-SC582_V01 Datasheet
3Mb / 173P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-21591 AD-ADSP-21591_V01 Datasheet
3Mb / 145P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A
ADSP-SC595 AD-ADSP-SC595 Datasheet
3Mb / 134P
SHARC Dual-Core DSP with Arm Cortex-A55
Rev. PrD
logo
Rockchip Electronics Co...
RV1108 ROCKCHIP-RV1108 Datasheet
2Mb / 68P
Single-core ARM Cortex-A7 Core processor
Revision 1.4 June. 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com