Electronic Components Datasheet Search
  English  ▼

X  

DS1884 Datasheet(PDF) 59 Page - Maxim Integrated Products

Part # DS1884
Description  SFP and PON ONU Controller with Digital LDD Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1884 Datasheet(HTML) 59 Page - Maxim Integrated Products

Back Button DS1884 Datasheet HTML 55Page - Maxim Integrated Products DS1884 Datasheet HTML 56Page - Maxim Integrated Products DS1884 Datasheet HTML 57Page - Maxim Integrated Products DS1884 Datasheet HTML 58Page - Maxim Integrated Products DS1884 Datasheet HTML 59Page - Maxim Integrated Products DS1884 Datasheet HTML 60Page - Maxim Integrated Products DS1884 Datasheet HTML 61Page - Maxim Integrated Products DS1884 Datasheet HTML 62Page - Maxim Integrated Products DS1884 Datasheet HTML 63Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 92 page
background image
DS1884
SFP and PON ONU Controller
with Digital LDD Interface
59
Maxim Integrated
A2h Table 01h, Register FDh: WARN EN2 OR EE
A2h Table 01h, Register FEh–FFh: RESERVED OR EE
POWER-ON VALUE
00h
READ ACCESS
PW2 or (PW1 and RWTBL1C) or (PW1 and RTBL1C)
WRITE ACCESS
PW2 or (PW1 and RWTBL1C)
MEMORY TYPE
Nonvolatile (SEE)
FDh
RSSI HI
RSSI LO
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
BIT 7
BIT 0
Layout is identical to WARN2 in Lower Memory, Register 75h. Enables warnings to create TXFINT (Lower Memory,
Register 71h) logic. The MASK bit (A2h Table 02h, Register 89h) determines whether this memory exists in A2h Table
01h or 05h. When in A2h Table 05h, this location at A2h Table 01h becomes EE.
BIT 7
RSSI HI:
0 = Disables interrupt from RSSI HI warning.
1 = Enables interrupt from RSSI HI warning.
BIT 6
RSSI LO:
0 = Disables interrupt from RSSI LO warning.
1 = Enables interrupt from RSSI LO warning.
BITS 5:0
RESERVED
POWER-ON VALUE
00h
READ ACCESS
N/A
WRITE ACCESS
N/A
MEMORY TYPE
Nonvolatile (SEE)
These registers are reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com