Electronic Components Datasheet Search
  English  ▼

X  

DS1884 Datasheet(PDF) 69 Page - Maxim Integrated Products

Part # DS1884
Description  SFP and PON ONU Controller with Digital LDD Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1884 Datasheet(HTML) 69 Page - Maxim Integrated Products

Back Button DS1884 Datasheet HTML 65Page - Maxim Integrated Products DS1884 Datasheet HTML 66Page - Maxim Integrated Products DS1884 Datasheet HTML 67Page - Maxim Integrated Products DS1884 Datasheet HTML 68Page - Maxim Integrated Products DS1884 Datasheet HTML 69Page - Maxim Integrated Products DS1884 Datasheet HTML 70Page - Maxim Integrated Products DS1884 Datasheet HTML 71Page - Maxim Integrated Products DS1884 Datasheet HTML 72Page - Maxim Integrated Products DS1884 Datasheet HTML 73Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 92 page
background image
DS1884
SFP and PON ONU Controller
with Digital LDD Interface
69
Maxim Integrated
A2h Table 02h, Register A0h–A1h: XOVER FINE
A2h Table 02h, Register A2h–A3h: VCC OFFSET
A2h Table 02h, Register A4h–A5h: TXB OFFSET
A2h Table 02h, Register A6h–A7h: TXP OFFSET
A2h Table 02h, Register A8h–A9h: RSSI FINE OFFSET
A2h Table 02h, Register AAh–ABh: RESERVED
A2h Table 02h, Register ACh–ADh: RSSI COARSE OFFSET
FACTORY DEFAULT
FFFFh
READ ACCESS
PW2 or (PW1 and RWTBL2) or (PW1 and RTBL2)
WRITE ACCESS
PW2 or (PW1 and RWTBL2)
MEMORY TYPE
Nonvolatile (SEE)
A0h
215
214
213
212
211
210
29
28
A1h
27
26
25
24
23
22
21
0
BIT 7
BIT 0
Defines the crossover value for RSSI measurements of nonlinear inputs when XOVEREN is set to 1 (A2h Table
02h, Register 8Bh). RSSI fine conversion results (before right-shifting) greater than this register require a RSSI
coarse conversion.
FACTORY DEFAULT
00h
READ ACCESS
PW2 or (PW1 and RWTBL246) or (PW1 and RBL246)
WRITE ACCESS
PW2 or (PW1 and RWTBL246)
MEMORY TYPE
Nonvolatile (SEE)
A2h, A4h,
A6h, A8h,
ACh
S
215
214
213
212
211
210
29
A3h, A5h,
A7h, A9h,
ADh
28
27
26
25
24
23
22
21
BIT 7
BIT 0
Allows for offset control of these voltage measurements if desired. This number is two’s complement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com