Electronic Components Datasheet Search
  English  ▼

X  

DS1884 Datasheet(PDF) 79 Page - Maxim Integrated Products

Part # DS1884
Description  SFP and PON ONU Controller with Digital LDD Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1884 Datasheet(HTML) 79 Page - Maxim Integrated Products

Back Button DS1884 Datasheet HTML 75Page - Maxim Integrated Products DS1884 Datasheet HTML 76Page - Maxim Integrated Products DS1884 Datasheet HTML 77Page - Maxim Integrated Products DS1884 Datasheet HTML 78Page - Maxim Integrated Products DS1884 Datasheet HTML 79Page - Maxim Integrated Products DS1884 Datasheet HTML 80Page - Maxim Integrated Products DS1884 Datasheet HTML 81Page - Maxim Integrated Products DS1884 Datasheet HTML 82Page - Maxim Integrated Products DS1884 Datasheet HTML 83Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 92 page
background image
DS1884
SFP and PON ONU Controller
with Digital LDD Interface
79
Maxim Integrated
A2h Table 02h, Register E5h: TXCTRL2
A2h Table 02h, Register E6h: TXCTRL3
A2h Table 02h, Register E7h: TXCTRL4
FACTORY DEFAULT
00h
READ ACCESS
PW2 or (PW1 and RWTBL246) or (PW1 and RBL246)
WRITE ACCESS
PW2 or (PW1 and RWTBL246)
MEMORY TYPE
Nonvolatile (SEE)
E5h
27
26
25
24
23
22
21
20
BIT 7
BIT 0
A 3-wire slave register. After either VCC exceeds POA (after a POR event), a Maxim laser driver TX_POR bit is
set high (visible in 3-wire TXSTAT1 bit 7), or on a rising edge of TXD, this value is written to a Maxim laser driver
through the 3-wire interface.
FACTORY DEFAULT
00h
READ ACCESS
PW2 or (PW1 and RWTBL246) or (PW1 and RBL246)
WRITE ACCESS
PW2 or (PW1 and RWTBL246)
MEMORY TYPE
Nonvolatile (SEE)
E6h
27
26
25
24
23
RESERVED
RESERVED
20
BIT 7
BIT 0
A 3-wire slave register. After either VCC exceeds POA (after a POR event), a Maxim laser driver TX_POR bit is set
high (visible in 3-wire TXSTAT1 bit 7), or on a rising edge of TXD, this value is written to a Maxim laser driver through
the 3-wire interface. For bits 2:1, see the POW_LEV[1:0] bits in A2h Lower Memory, Register 6Fh.
FACTORY DEFAULT
00h
READ ACCESS
PW2 or (PW1 and RWTBL246) or (PW1 and RBL246)
WRITE ACCESS
PW2 or (PW1 and RWTBL246)
MEMORY TYPE
Nonvolatile (SEE)
E7h
27
26
25
24
23
22
21
20
BIT 7
BIT 0
A 3-wire slave register. After either VCC exceeds POA (after a POR event), a Maxim laser driver TX_POR bit is
set high (visible in 3-wire TXSTAT1 bit 7), or on a rising edge of TXD, this value is written to a Maxim laser driver
through the 3-wire interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com