Electronic Components Datasheet Search
  English  ▼

X  

DS1884 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1884
Description  SFP and PON ONU Controller with Digital LDD Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1884 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1884 Datasheet HTML 1Page - Maxim Integrated Products DS1884 Datasheet HTML 2Page - Maxim Integrated Products DS1884 Datasheet HTML 3Page - Maxim Integrated Products DS1884 Datasheet HTML 4Page - Maxim Integrated Products DS1884 Datasheet HTML 5Page - Maxim Integrated Products DS1884 Datasheet HTML 6Page - Maxim Integrated Products DS1884 Datasheet HTML 7Page - Maxim Integrated Products DS1884 Datasheet HTML 8Page - Maxim Integrated Products DS1884 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 92 page
background image
DS1884
SFP and PON ONU Controller
with Digital LDD Interface
3
Maxim Integrated
LOS, LOSOUT ........................................................................... 26
RSEL .................................................................................. 26
TXD, TXDOUT ........................................................................... 26
IN1, TXF, Transmit Fault (TXFOUT) Output ..................................................... 27
Die Identification ............................................................................ 27
DS1884 Master Communication Interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
3-Wire Master Interface....................................................................... 28
Protocol ................................................................................ 28
3-Wire Slave Register Map and DS1884 Corresponding Location ................................... 29
3-Wire Master Flowchart ...................................................................29
DS1884 with MAX3710 Operating Modes ........................................................ 31
Open Loop Mode, DPC_EN = 0, APC_EN = 0 .................................................. 31
APC Loop Mode, DPC_EN = 0, APC_EN = 1................................................... 31
Dual Closed-Loop Mode, DPC_EN = 1, APC_EN = 1 ............................................ 31
BIAS, MODULATION, SET_2XAPC, TXCTRL5 LUTs ................................................ 31
MODULATION Value . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
BIAS Value ..............................................................................33
Power Leveling .............................................................................34
Manual MAX3710 Operations ..................................................................34
I2C Communication ... ... .. ... .. ... ... .. ... .. ... ... .. ... ... .. ... ... .. ... ... .. ... ... .. ... .. ... . 34
I2C Definition ...............................................................................34
I2C Protocol................................................................................36
Memory Organization .. .. ... ... .. ... ... .. ... .. ... .. ... ... .. ... ... .. ... .. ... ... ... .. ... .. ... ... . 37
Register Descriptions .. .. ... ... .. ... ... .. ... .. ... .. ... ... .. ... ... .. ... .. ... ... ... .. ... .. ... ... . 39
A2h Lower Memory Register Map .............................................................. 39
A2h Table 01h Register Map...................................................................39
A2h Table 02h Register Map ..................................................................40
A2h Table 04h Register Map .................................................................. 41
A2h Table 05h Register Map .................................................................. 41
A2h Table 06h Register Map .................................................................. 41
A2h Table 08h Register Map .................................................................. 42
A2h Table 09h Register Map .................................................................. 42
Auxiliary A0h Memory Register Map ............................................................ 42
A2h Lower Memory Register Descriptions ........................................................43
A2h Lower Memory, Register 00h–01h: TEMP ALARM HI ........................................43
A2h Lower Memory, Register 04h–05h: TEMP WARN HI .........................................43
TABLE OF CONTENTS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com