Electronic Components Datasheet Search
  English  ▼

X  

DS1884 Datasheet(PDF) 49 Page - Maxim Integrated Products

Part # DS1884
Description  SFP and PON ONU Controller with Digital LDD Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1884 Datasheet(HTML) 49 Page - Maxim Integrated Products

Back Button DS1884 Datasheet HTML 45Page - Maxim Integrated Products DS1884 Datasheet HTML 46Page - Maxim Integrated Products DS1884 Datasheet HTML 47Page - Maxim Integrated Products DS1884 Datasheet HTML 48Page - Maxim Integrated Products DS1884 Datasheet HTML 49Page - Maxim Integrated Products DS1884 Datasheet HTML 50Page - Maxim Integrated Products DS1884 Datasheet HTML 51Page - Maxim Integrated Products DS1884 Datasheet HTML 52Page - Maxim Integrated Products DS1884 Datasheet HTML 53Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
DS1884
SFP and PON ONU Controller
with Digital LDD Interface
49
Maxim Integrated
A2h Lower Memory, Register 6Fh: UPDATE
POWER-ON VALUE
00h
READ ACCESS
All
WRITE ACCESS
All and DS1884 Hardware
MEMORY TYPE
Volatile
6Fh
TEMP RDY
VCC RDY
TXB RDY
TXP RDY
RSSI RDY
RSSIR
POW_LEV1
POW_LEV0
BIT 7
BIT 0
BITS 7:3
Update of completed conversions. At power-on, these bits are cleared and are set as each conversion is
completed. These bits can be cleared so that a completion of a new conversion is verified.
BIT 2
RSSIR: RSSI range. Reports the range used for conversion update of RSSI.
0 = Fine range is the reported value.
1 = Coarse range is the reported value.
BITS 1:0
POW_LEV[1:0]: Power level. This changes the MAX3710 bits KRMD[2:1] to adjust the MD input imped-
ance. See the Power Leveling section for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com