Electronic Components Datasheet Search
  English  ▼

X  

DS1884 Datasheet(PDF) 64 Page - Maxim Integrated Products

Part # DS1884
Description  SFP and PON ONU Controller with Digital LDD Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1884 Datasheet(HTML) 64 Page - Maxim Integrated Products

Back Button DS1884 Datasheet HTML 60Page - Maxim Integrated Products DS1884 Datasheet HTML 61Page - Maxim Integrated Products DS1884 Datasheet HTML 62Page - Maxim Integrated Products DS1884 Datasheet HTML 63Page - Maxim Integrated Products DS1884 Datasheet HTML 64Page - Maxim Integrated Products DS1884 Datasheet HTML 65Page - Maxim Integrated Products DS1884 Datasheet HTML 66Page - Maxim Integrated Products DS1884 Datasheet HTML 67Page - Maxim Integrated Products DS1884 Datasheet HTML 68Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 92 page
background image
DS1884
SFP and PON ONU Controller
with Digital LDD Interface
64
Maxim Integrated
A2h Table 02h, Register 8Ah: CNFGB
FACTORY DEFAULT
00h
READ ACCESS
PW2 or (PW1 and RWTBL246) or (PW1 and RBL246)
WRITE ACCESS
PW2 or (PW1 and RWTBL246)
MEMORY TYPE
Nonvolatile (SEE)
8Ah
IN1S
RESERVED
RESERVED
RESERVED
RESERVED
ALATCH
RESERVED
WLATCH
BIT 7
BIT 0
BIT 7
INS1: Status of input pin IN1.
BITS 6:3
RESERVED
BIT 2
ALATCH: ADC alarm’s comparison LATCH. A2h Table 01h, Registers 70h–71h.
0 = ADC alarm and flags reflect the status of the last comparison.
1 = ADC alarm flags remain set.
BIT 1
RESERVED
BIT 0
WLATCH: ADC warning’s comparison LATCH. A2h Table 01h, Registers 74h–75h.
0 = ADC warning flags reflect the status of the last comparison.
1 = ADC warning flags remain set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com