Electronic Components Datasheet Search
  English  ▼

X  

DS1884 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # DS1884
Description  SFP and PON ONU Controller with Digital LDD Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1884 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button DS1884 Datasheet HTML 10Page - Maxim Integrated Products DS1884 Datasheet HTML 11Page - Maxim Integrated Products DS1884 Datasheet HTML 12Page - Maxim Integrated Products DS1884 Datasheet HTML 13Page - Maxim Integrated Products DS1884 Datasheet HTML 14Page - Maxim Integrated Products DS1884 Datasheet HTML 15Page - Maxim Integrated Products DS1884 Datasheet HTML 16Page - Maxim Integrated Products DS1884 Datasheet HTML 17Page - Maxim Integrated Products DS1884 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 92 page
background image
DS1884
SFP and PON ONU Controller
with Digital LDD Interface
14
Maxim Integrated
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
DAC DNL
DAC POSITION (DEC)
500
400
300
200
100
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
0
DAC INL
DAC POSITION (DEC)
500
400
100
200
300
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
-2.0
0
TXMON AND RSSI DNL
TXMON AND RSSI INPUT VOLTAGE (V)
2.0
1.5
1.0
0.5
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
0
2.5
USING-FACTORY PROGRAMMED
FULL-SCALE VALUE OF 2.5V
VCC = 3.3V
TXMON AND RSSI INL
TXMON AND RSSI INPUT VOLTAGE (V)
2.0
1.5
1.0
0.5
-2
-1
0
1
2
3
-3
0
2.5
USING FACTORY-PROGRAMMED
FULL-SCALE VALUE OF 2.5V
VCC = 3.3V
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
60
10
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
-40
SDA = SCL = VCC
VCC = 2.85V
VCC = 3.3V
VCC = 3.9V
SUPPLY CURRENT vs. SUPPLY VOLTAGE
VCC (V)
3.85
3.60
3.35
3.10
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.30
2.85
SDA = SCL = VCC
-40°C
+25°C
+95°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com