Electronic Components Datasheet Search
  English  ▼

X  

DS1884 Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # DS1884
Description  SFP and PON ONU Controller with Digital LDD Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1884 Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button DS1884 Datasheet HTML 20Page - Maxim Integrated Products DS1884 Datasheet HTML 21Page - Maxim Integrated Products DS1884 Datasheet HTML 22Page - Maxim Integrated Products DS1884 Datasheet HTML 23Page - Maxim Integrated Products DS1884 Datasheet HTML 24Page - Maxim Integrated Products DS1884 Datasheet HTML 25Page - Maxim Integrated Products DS1884 Datasheet HTML 26Page - Maxim Integrated Products DS1884 Datasheet HTML 27Page - Maxim Integrated Products DS1884 Datasheet HTML 28Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 92 page
background image
DS1884
SFP and PON ONU Controller
with Digital LDD Interface
24
Maxim Integrated
Figure 7. Low-Voltage Hysteresis Example
Delta-Sigma Output and Reference
One delta-sigma output (DAC) is provided. This provides
a 9-bit resolution output. The maximum voltage output is
set by the input REFIN. An inexpensive shunt reference is
recommended to generate the voltage applied to REFIN,
as shown in Figure 8. The output includes the ability to
compensate the APD bias for temperature as given by
the following formula:
DAC_INT = TINDEX[6:0] + DAC OFFSET
If INV_DAC = 0, then DAC[9:0] = DAC_INT/DACFS x
VREFIN.
If INV_DAC = 1, then DAC[9:0] = [3FF - (DAC_INT/
DACFS)] x VREFIN.
where:
1) INV_DAC is at A2h Table 02h, Register 8Dh, bit 7.
2) TINDEX is at A2h Table 02h, Register 81h.
3) DAC OFFSET is an 8-bit value, representing the 8
MSBs of a 10-bit value. The two LSBs are 0.
4) DACFS (A2h Table 02h, Register 88h) is an 8-bit
value, representing the 8 MSBs of a 10-bit value. The
two LSBs are 0.
5) DAC is a 10-bit value.
6) The DAC[9:0] is clamped at DACFS.
7) DAC_INT is an internal signal.
Figure 8. Recommended Shunt Reference and RC Filter for
DAC Output
VPOA
VPOD
VCC
SEE
RECALLED VALUE
RECALLED VALUE
PRECHARGED
TO 0
PRECHARGED
TO 0
PRECHARGED TO 0
SEE RECALL
SEE RECALL
DS1884
REFIN
2.5V
0.1µF
0201
ZTL431A
SOT23
1µF
0402
CONNECT TO
CONTROL INPUT
ON DC-DC
39.2kΩ
0201
DAC
68.1kΩ
0201
1kΩ
0201
20kΩ
0201
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com