Electronic Components Datasheet Search
  English  ▼

X  

IMX7ULPCEC Datasheet(PDF) 23 Page - NXP Semiconductors

Part # IMX7ULPCEC
Description  i.MX 7ULP Applications Processor-Consumer Products
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPCEC Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button IMX7ULPCEC Datasheet HTML 19Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 20Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 21Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 22Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 23Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 24Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 25Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 26Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 118 page
background image
2.3 External clock sources
In normal functional mode, this device operates off two primary external reference
clocks: System oscillator clock (SOSC) and RTC oscillator clock (ROSC):
• System oscillator clock is a high frequency reference clock with a frequency in
the range of 16 MHz to 32 MHz. This clock is used as a reference clock to the on-
chip PLLs which generate all the required high frequency clocks.
• RTC oscillator clock is the 32.768 kHz constant frequency, real-time clock.
2.4 Oscillators
The system oscillator, in conjunction with an external crystal or resonator, generates a
reference clock for the device. The system oscillator module supports 16-32 MHz
crystals or resonators. It also provides the option for an external input clock to
EXTAL signal directly.
The RTC oscillator is in the VBAT domain. The RTC oscillator module, in
conjunction with an external crystal, generates a 32.768 kHz real-time reference clock
for the RTC and will always be enabled and supplying clock to SRTC. This is the
default clock source.
2.5 Internal clock sources
This device is capable of generating these internal reference clocks:
• The FIRC is the fast IRC clock with nominal frequency in the range from 48 to 60
MHz. In addition, the FIRC provides a clock selection option for peripherals.
• The SIRC is the slow IRC clock with nominal frequency of 16 MHz. The SIRC
provides a clock selection option for peripherals.
• The IRC1K generates 1 kHz clock that is enabled in all modes of operation,
including all low power modes.
• The RTC OSC has the capability to provide nominal 32 kHz (not recommended
for accurate clock and normal operation) IRC in absence of the external OSC
reference clock if the VBAT domain is enabled.
NOTE
The internal oscillator is automatically multiplexed in the
clocking system when the system detects a loss of clock.
The internal oscillator will provide clocks to the same on-
Clocking
i.MX 7ULP Applications Processor—Consumer Products, Rev. 0, 06/2019
23
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com