Electronic Components Datasheet Search
  English  ▼

X  

IMX7ULPCEC Datasheet(PDF) 64 Page - NXP Semiconductors

Part # IMX7ULPCEC
Description  i.MX 7ULP Applications Processor-Consumer Products
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPCEC Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button IMX7ULPCEC Datasheet HTML 60Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 61Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 62Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 63Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 64Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 65Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 66Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 67Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 118 page
background image
7.1.3 Flexbus switching specifications
All processor bus timings are synchronous; input setup/hold and output delay are given
in respect to the rising edge of a reference clock, FB_CLK. The FB_CLK frequency
may be the same as the internal system bus frequency or an integer divider of that
frequency.
The following timing parameters indicate when data is latched or driven onto the
external bus, relative to the Flexbus output clock (FB_CLK). All other timing
relationships can be derived from these values.
Table 35. Flexbus switching specifications
Num
Parameter
Min.
Max.
Unit
Notes
Frequency of operation
• HSRUN mode
• Normal RUN mode
—
66
66
MHz
FB1
Clock period
• HSRUN mode
• Normal RUN mode
15.0
15.0
—
ns
FB2
Address, data, and control output valid
—
13.0
ns
1
FB3
Address, data, and control output hold
1.0
—
ns
1
FB4
Data input setup
8.5
—
ns
2
FB5
Data input hold
0.0
—
ns
2
1. Specification is valid for all FB_AD[31:0], FB_BE, FB_CSn_B, FB_OE_B, FB_RW_B, FB_TBST_B, FB_TSIZ[1:0],
FB_ALE, and FB_TS_B.
2. Specification is valid for all FB_AD[31:0].
Specifications—application domain
64
i.MX 7ULP Applications Processor—Consumer Products, Rev. 0, 06/2019
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com