Electronic Components Datasheet Search
  English  ▼

X  

IMX7ULPCEC Datasheet(PDF) 3 Page - NXP Semiconductors

Part # IMX7ULPCEC
Description  i.MX 7ULP Applications Processor-Consumer Products
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPCEC Datasheet(HTML) 3 Page - NXP Semiconductors

  IMX7ULPCEC Datasheet HTML 1Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 2Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 3Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 4Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 5Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 6Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 7Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 8Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 118 page
background image
Application Domain
Real Time Domain
i.MX 7ULP
A7 Connectivity
Security
Secure JTAG
Internal Memory
256K RAM
UART x 4
I2C x4
3.3V/1.8V GPIO
USB2.0 HOST
(w/ HSIC)
Analog
2x 12 bit ADC
HAB – Secure Boot
Graphics
GC7000
NanoULTRA
External Memory
MMC5.0/SDIO x 2
16/32-bit LPDDR2/3
Power
Manager
SPI x 2
Arm Cortex -A7
NEON
Trust Zone
32KB I-cache
32KB D-cache
FPU
ETM
256KB L2 cache
Analog Comparators
External Memory
Quad SPI (OTFAD)
Timers
Watch Dog
32 bit Timer x4
System timers
Crypto / TRNG
FPU
MPU
M4 Connectivity
UART x 4
I2C x4
3.3V/1.8V GPIO
SPI x2
FlexIO
2x 12 -bit DAC
Internal Memory
256K RAM
Timers
Watch Dog
32 bit Timer x4
System timers
Clock/Reset
Arm Cortex -
- M4
DAP
DSP Extensions
USB2.0 OTG
(w/ PHY)
8KB I/D - cache
MIPI DSI
Display
Secure Fuse
FlexBUS
I2S x 2
eFuses / OTP
SEMA4 / Msg Unit
DMA
VIU
Camera
FlexIO
GC320
Composition
Security
uHAB – Secure Boot
Clock and Power Management System
Secure
RTC
Tamper
Detection
Security – Batt Domain
Key
Storage
Crypto / TRNG
XRDC
Access and IPC
PLL/OSC
32K Secure
Memory
Figure 1. i.MX 7ULP Block Diagram
The following table provides examples of orderable sample part numbers covered by this data sheet.
Ordering information
Part Number
Options
Cortex-
A7
Speed
Grade
Cortex-
M4
Speed
Grade
Qualification
Tier
Junction
Temperature
Range
Package
MCIMX7U5DVP07SC GPU-2D,
GPU-3D
supported
720 MHz 200 MHz Commercial
(Consumer)
0 to +95 °C
14 mm x 14 mm, 0.5 mm
pitch BGA, Package code
"VP"
Table continues on the next page...
i.MX 7ULP Applications Processor—Consumer Products, Rev. 0, 06/2019
3
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com