Electronic Components Datasheet Search
  English  ▼

X  

IMX7ULPCEC Datasheet(PDF) 97 Page - NXP Semiconductors

Part # IMX7ULPCEC
Description  i.MX 7ULP Applications Processor-Consumer Products
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPCEC Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button IMX7ULPCEC Datasheet HTML 93Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 94Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 95Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 96Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 97Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 98Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 99Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 100Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 118 page
background image
9.1.3 14 x 14 mm power supply and functional contact
assignments
The following table shows the power supply contact assignments for the 14 × 14 mm
package.
Table 62. 14 x 14 mm power supply contact assignments
Supply Name
14x14 mm VP Package Ball
Position
Remarks
DDR_ODT
AA22
DDR on-die termination
DDR_VREF0
H23
DDR voltage reference input. Connect to a voltage
source that is 50% of VDD_DDR.
DDR_VREF1
Y23
DDR voltage reference input. Connect to a voltage
source that is 50% of VDD_DDR.
DDR_ZQ0
AG24
Connect DDR_ZQ0 to an external 240Ω 1% resistor
to Vss. This is a reference used during DDR output
buffer driver calibration.
TESTCLK_N
AA8
Test function for NXP use only. This output must
remain unconnected.
TESTCLK_P
AB8
Test function for NXP use only. This output must
remain unconnected.
USB0_VBUS
T4
USB0 VBUS detection
VDD_ANA18
AB11
ADC analog and IO 1.8V supply input
VDD_ANA33
AA12
ADC analog and IO 3.3V supply input
VDD_DDR
H22, J21, M22, N21, T21, U22, Y21 DDR I/O supply input
VDD_DIG0
V16, V17
M4 domain core and logic supply input
VDD_DIG1
K11, K12, K13, K15, K16, K17, L10,
L14, L18, M10, M18, N10, N18,
P11, P17, R10, R18, T18, U18
A7 domain core and logic supply input
VDD_DSI11
L6
MIPI DSI 1.1V supply input
VDD_DSI18
M5
MIPI DSI 1.8V supply input
VDD_HSIC
D6
HSIC 1.2V supply input
VDD_PLL18
W7
PLL analog supply input
VDD_PMC11_DIG0_CAP
U14, V15
M4 domain LDO supply output
VDD_PMC11_DIG1_CAP
T10, U10
A7 domain LDO supply output
VDD_PMC12_DIG1
AB4, AC4
A7 domain LDO and internal memory LDO supply
input
VDD_PMC18
AB3
M4/A7 PMC and PMC IO supply input
VDD_PMC18_DIG0
V11, V12, V13
M4 domain LDO and internal memory LDO supply
input
VDD_PTA
AA15, AA19
GPIO Port A supply input
VDD_PTB
AA11, AD6
GPIO Port B supply input
Table continues on the next page...
Package information and contact assignments
i.MX 7ULP Applications Processor—Consumer Products, Rev. 0, 06/2019
97
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com