Electronic Components Datasheet Search
  English  ▼

X  

IMX7ULPCEC Datasheet(PDF) 32 Page - NXP Semiconductors

Part # IMX7ULPCEC
Description  i.MX 7ULP Applications Processor-Consumer Products
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPCEC Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button IMX7ULPCEC Datasheet HTML 28Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 29Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 30Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 31Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 32Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 33Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 34Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 35Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 118 page
background image
6.1.2 Moisture handling ratings
Symbol
Description
Min.
Max.
Unit
Notes
MSL
Moisture sensitivity level
—
3
—
1
1. Determined according to IPC/JEDEC Standard J-STD-020, Moisture/Reflow Sensitivity Classification for Nonhermetic
Solid State Surface Mount Devices.
6.1.3 ESD handling ratings
Symbol
Description
Min.
Max.
Unit
Notes
VHBM
Electrostatic discharge voltage, human body model
-1000
+1000
V
1
VCDM
Electrostatic discharge voltage, charged-device
model
-250
+250
V
2
1. Determined according to JEDEC Standard JESD22-A114, Electrostatic Discharge (ESD) Sensitivity Testing Human
Body Model (HBM).
2. Determined according to JEDEC Standard JESD22-C101, Field-Induced Charged-Device Model Test Method for
Electrostatic-Discharge-Withstand Thresholds of Microelectronic Components.
6.1.4 Absolute maximum ratings
CAUTION
Stresses beyond those listed under this table may cause
permanent damage to the device. These are stress ratings only.
Functional operation of the device at these or any other
conditions beyond those indicated under “recommended
operating conditions” is not implied. Exposure to absolute-
maximum-rated conditions for extended periods may affect
device reliability.
Table 4. Absolute maximum ratings
Parameter Description
Symbol
Min
Max
Unit
SNVS domain LDO supply input
VDD_VBAT42
-0.3
4.25
V
M4/A7 PMC and PMC IO supply input
VDD_PMC18
-0.3
1.98
V
1.8V IO supply reference and A7 supply reference input
VDD18_IOREF
-0.3
1.98
V
M4 domain LDO and internal memory LDO supply input
VDD_PMC18_DIG0
-0.3
1.98
V
M4 domain core and logic supply input
VDD_DIG0
-0.3
1.155
V
A7 domain core and logic supply inputs
VDD_PMC12_DIG1
-0.3
1.65
V
VDD_PMC11_DIG1_CAP1
-0.3
1.155
V
Table continues on the next page...
System specifications
32
i.MX 7ULP Applications Processor—Consumer Products, Rev. 0, 06/2019
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com