Electronic Components Datasheet Search
  English  ▼

X  

IMX7ULPCEC Datasheet(PDF) 1 Page - NXP Semiconductors

Part # IMX7ULPCEC
Description  i.MX 7ULP Applications Processor-Consumer Products
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPCEC Datasheet(HTML) 1 Page - NXP Semiconductors

  IMX7ULPCEC Datasheet HTML 1Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 2Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 3Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 4Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 5Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 6Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 7Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 8Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 118 page
background image
i.MX 7ULP Applications
Processor—Consumer Products
The i.MX 7ULP product family members are optimized for power-
sensitive applications benefiting from NXP's Heterogeneous
Multicore Processing (HMP) architecture. Achieving an efficient
balance between processing power and deterministic processing
needs, the i.MX 7ULP is an asymmetric processor consisting of
two separate processing domains: an application domain and a
real-time domain. The application domain is built around an
ARM® Cortex®-A7 processor with an ARM NEON™ SIMD
engine and floating point unit (FPU) and is optimized for rich OS
based applications. The real-time domain is built around an ARM
Cortex-M4 processor (with FPU) optimized for lowest possible
leakage. Both domains are completely independent, with
separate power, clocking, and peripheral domains, but the bus
fabric of each domain is tightly integrated for efficient
communication. The part is streamlined to minimize pin count, enabling small packages and simple system
integration.
i.MX 7ULP features
Feature type
Application processor domain
Real-time processor domain
ARM Processor
Cortex®-A7
Cortex®-M4
• Nominal (RUN) frequency: 500 MHz
• Overdrive (HSRUN) frequency: 720
MHz
• Very Low Power Run (VLPR)
frequency: 48 MHz
• Maximum frequency: 200 MHz
• Very Low Power Run (VLPR)
frequency: 48 MHz
Optimized for lowest leakage current
32 KB instruction and data caches
FPU
256 KB L2 cache
MPU
NEON™ SIMD engine
—
FPU
—
On-chip memory
256 KB of RAM
256 KB of tightly coupled RAM allocated into
32 KB switchable blocks
—
8 KB of OTP memory
External memory
interfaces
16/32-bit LPDDR2/LPDDR3 interface
running at 380 MHz
Serial flash interface supporting x4 and x8
IOs
eMMC 5.0 interface
—
Security
Secure boot
Secure boot
Table continues on the next page...
MCIMX7U5DVP07SC
MCIMX7U5DVK07SC
MCIMX7U3DVK07SC
Plastic packages: BGA 14x14mm, 0.5mm pitch,
and BGA 10 x 10 mm, 0.5 mm pitch
NXP Semiconductors
IMX7ULPCEC
Data Sheet: Technical Data
Rev. 0, 06/2019
NXP reserves the right to change the production detail specifications as may be
required to permit improvements in the design of its products.


Similar Part No. - IMX7ULPCEC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX7ULPCECB2 NXP-IMX7ULPCECB2 Datasheet
2Mb / 122P
i.MX 7ULP Applications Processor-Consumer
Rev. 0, 09/2020
More results

Similar Description - IMX7ULPCEC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX8MNCEC NXP-IMX8MNCEC Datasheet
1Mb / 89P
i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 0.1, 03/2020
IMX7ULPWSG NXP-IMX7ULPWSG Datasheet
7Mb / 12P
Based on the i.MX 7ULP Applications Processor
2018
IMX6DQCEC NXP-IMX6DQCEC Datasheet
3Mb / 171P
i.MX 6Dual/6Quad Applications Processors for Consumer Products
IMX7ULPCECB2 NXP-IMX7ULPCECB2 Datasheet
2Mb / 122P
i.MX 7ULP Applications Processor-Consumer
Rev. 0, 09/2020
IMX6SXCEC NXP-IMX6SXCEC Datasheet
4Mb / 207P
i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
IMX6DQPCEC NXP-IMX6DQPCEC Datasheet
3Mb / 168P
i.MX 6DualPlus/6QuadPlus Applications Processors Consumer Products
Rev. 3, 11/2018
IMX7ULPIECB2 NXP-IMX7ULPIECB2 Datasheet
1Mb / 112P
i.MX 7ULP Applications Processor-Industrial
Rev. 1, 07/2021
IMX8MMCEC NXP-IMX8MMCEC Datasheet
1Mb / 92P
i.MX 8M Mini Applications Processor Datasheet for Consumer Products
Rev. 1, 07/2020
IMX8MNCEC NXP-IMX8MNCEC_V01 Datasheet
1Mb / 117P
i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 5, 09/2022
IMX8MPCEC NXP-IMX8MPCEC Datasheet
1Mb / 111P
i.MX 8M Plus Applications Processor Datasheet for Consumer Products
Rev. 0, 03/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com