Electronic Components Datasheet Search
  English  ▼

X  

IMX7ULPCEC Datasheet(PDF) 98 Page - NXP Semiconductors

Part # IMX7ULPCEC
Description  i.MX 7ULP Applications Processor-Consumer Products
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPCEC Datasheet(HTML) 98 Page - NXP Semiconductors

Back Button IMX7ULPCEC Datasheet HTML 94Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 95Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 96Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 97Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 98Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 99Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 100Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 101Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 102Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 118 page
background image
Table 62. 14 x 14 mm power supply contact assignments (continued)
Supply Name
14x14 mm VP Package Ball
Position
Remarks
VDD_PTC
D14, E16
GPIO Port C supply input
VDD_PTD
D20, E20
GPIO Port D supply input
VDD_PTE
D10, E9
GPIO Port E supply input
VDD_PTF
F4, G4
GPIO Port F supply input
VDD_USB18
R7
USB PHY 1.8V supply input
VDD_USB33
R5
USB PHY 3.3V supply input
VDD_VBAT18_CAP
T6
SNVS domain LDO output
VDD_VBAT42
T5
SNVS domain LDO supply input
VDD18_DDR
F24
DDR 1.8V pre-driver supply input
VDD18_HSIC
A4
HSIC 1.8V supply input
VDD18_IOREF
L7
1.8V IO supply reference and A7 supply reference
input
VREFH_ANA18
AC12
ADC high reference supply input
VREFL_ANA
AB12
ADC low reference supply input
VSS
A1, A27, B4, C4, C6, C8, C10, C12,
C14, C16, C18, C20, C22, C24,
C25, D3, D25, E21, F3, F8, F20,
F21, F25, G20, H3, H8, H20, H25,
K3, K4, K10, K14, K18, K25L5, L11,
L12, L13, L15, L16, L17, M3, M6,
M7, M11, M14, M17, M21, M25, N2,
N11, N14, N17, P3, P4, P10, P12,
P13, P14, P15, P16, P18, P25, R4,
R7, R11, R14, R17, T3, T7, T11, T4,
T17, T25, U2, U11, U12, U13, U15,
U16, U17, U21, V3, V10, V14, V18,
V25, W5, W6, Y1, Y3, Y5, Y6, Y20,
AA16, AB1, AB24, AB25, AD1, AD2,
AD3, AD4, AD25, AE2, AE6, AE8,
AE10, AE16, AE18, AE20, AE22,
AE24, AF1, AG1, AG27
Ground
VSS_ADC_ANA
AD12, AF12, AG12
ADC analog ground
The following table shows functional contact assignments for the 14 x 14 mm package.
Table 63. 14 x 14 mm functional contact assignments
Ball Name
14 x 14 mm
VP Package
Ball
Position
Power
Group
Signal Type
1, 2
Default
MUX_
MODE1
Default
Function1
State
During
Reset3
State After
Reset1, 3
DAC0_OUT
AD11
VDD_ANA18 Analog
-
DAC0_OUT
-
-
DAC1_OUT
AD12
VDD_ANA18 Analog
-
DAC1_OUT
-
-
Table continues on the next page...
Package information and contact assignments
98
i.MX 7ULP Applications Processor—Consumer Products, Rev. 0, 06/2019
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com