Electronic Components Datasheet Search
  English  ▼

X  

IMX7ULPCEC Datasheet(PDF) 9 Page - NXP Semiconductors

Part # IMX7ULPCEC
Description  i.MX 7ULP Applications Processor-Consumer Products
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPCEC Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button IMX7ULPCEC Datasheet HTML 5Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 6Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 7Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 8Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 9Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 10Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 11Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 12Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 118 page
background image
Table 1. i.MX 7ULP modules list (continued)
Block Name
Block Mnemonic
Subsystem
Power
Domain
Brief description
both in on-chip RAM and in off-chip,
nonvolatile memory. For details, see the
i.MX 7ULP Security Reference Manual.
Cyclic Redundancy
Check
CRC
Connectivity and
Communications
RT
The Cyclic Redundancy Check (CRC)
module is a hardware CRC generator
circuit using 16/32-bit shift register. The
CRC module supports error detection
for all single, double, odd, and most
multi-bits errors, programmable initial
seed value, and optional feature to
transpose input data and CRC result via
transpose register.
Debug Access Port
DAP
Debug
RT
Debug Port Access (DAP) provides
debugger access to on-chip system
resources via the SWJ-DP port. The
DAP provides internal system access to
A7 Debug Port, M4 Debug Port, System
Bus, JTAG controller, and SoC Control
and Status. The DAP also enables
system access to CoreSight debug
subsystem through the APBIC port.
Digital PMC
Digital PMC
Power Management
SYS
The Digital PMC module allows user
software to control power modes of the
chip and to optimize power consumption
for the level of functionality needed.
There are two instances of Digital PMC
on this device, one for each main power
domain.
Digital-to-Analog
Converter
DAC0-1
Analog
RT
Digital-to-Analog Converter (DAC) is the
12-bit resolution digital-to-analog
converters with programmable
reference generator output. The output
of the DAC can be placed on an
external pin or set as one of the inputs
to the analog comparator or ADC. The
DAC is capable of achieving 1 ms
conversion rate for high-speed signals
and 2 ms conversion rate for low-speed
signals.
Direct Memory
Access
DMA0-1
DMA and Bus Fabrics AD, RT
Direct Memory Access (DMA) is
capable of performing complex data
transfers with minimal intervention from
a host processor. Each DMA module
supports 32 DMA channels. The
transfer control descriptors for each of
the 32 channels locate in system
memory. DMA0 is in the real-time
domain. DMA1 is in the application
domain.
Table continues on the next page...
i.MX 7ULP modules list
i.MX 7ULP Applications Processor—Consumer Products, Rev. 0, 06/2019
9
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com